Electronic Components Datasheet Search
  English  ▼

X  

TDA4VM Datasheet(PDF) 167 Page - Texas Instruments

Click here to check the latest version.
Part # TDA4VM
Description  TDA4VM Processors
PDF  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VM Datasheet(HTML) 167 Page - Texas Instruments

Back Button TDA4VM Datasheet HTML 163Page - Texas Instruments TDA4VM Datasheet HTML 164Page - Texas Instruments TDA4VM Datasheet HTML 165Page - Texas Instruments TDA4VM Datasheet HTML 166Page - Texas Instruments TDA4VM Datasheet HTML 167Page - Texas Instruments TDA4VM Datasheet HTML 168Page - Texas Instruments TDA4VM Datasheet HTML 169Page - Texas Instruments TDA4VM Datasheet HTML 170Page - Texas Instruments TDA4VM Datasheet HTML 171Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 331 page
background image
Table 6-9. LVCMOS Electrical Characteristics (continued)
over recommended operating conditions (unless otherwise noted)
PARAMETER(1)
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOL
Output Low Voltage
0.4
V
VOH
Output High Voltage
2.4
V
IOL (2)
Low Level Output Current
VOL(MAX)
5
mA
IOH (2)
High Level Output Current
VOH(MIN)
6
mA
SRI (4)
Input Slew Rate
33f(3)
or
3.3E+6
V/s
(1)
VDD stands for corresponding power supply. For more information on the power supply name and the corresponding ball, see Section
5.2, Pin Attributes, POWER column.
(2)
The IOL and IOH parameters define the minimum Low Level Output Current and High Level Output Current for which the device is
able to maintain the specified VOL and VOH values. Values defined by these parameters should be considered the maximum current
available to a system implementation which needs to maintain the specified VOL and VOH values for attached components.
(3)
f = toggle frequency of the input signal in Hz.
(4)
This MIN parameter only applies to input signal functions which are not defined in their respective Timing and Switching
Characteristics sections. Select the MIN parameter which results in the largest value.
USB2PHY Electrical Characteristics
Note
USB0 and USB1 Electrical Characteristics are compliant with Universal Serial Bus Revision 2.0
Specification dated April 27, 2000 including ECNs and Errata as applicable.
 
SerDes 4-L-PHY/2-L-PHY Electrical Characteristics
Note
The PCIe interfaces are compliant with the electrical parameters specified in PCI Express® Base
Specification Revision 4.0, September 27, 2017.
This Device imposes an additional limit on SERDES REFCLK when used in Input mode with internal
termination enabled, as described by parameter VREFCLK_TERM in Table 6-10, 4-L-PHY SERDES
REFCLK Electrical Characteristics. Internal termination is enabled by default and must be disabled
before applying a reference clock signal that exceeds the limits defined by VREFCLK_TERM. External
termination should always be enabled on the source side.
Table 6-10. 4-L-PHY SERDES REFCLK Electrical Characteristics
Only applies when internal termination is enabled. Over recommended operating conditions (unless otherwise noted)
PARAMETER
MIN
TYP
MAX UNIT
BALL NAMES in Mode 0: SERDES4_REFCLK_P, SERDES4_REFCLK_N
BALL NUMBERS:E8 / E7
VREFCLK_TERM
Single ended voltage threshold at the reference clock pin when
internal termination is enabled
400
mV
RTERM
Internal termination
40
50
62.5
Ω
Note
The SerDes USB interfaces are compliant with the USB3.1 SuperSpeed Transmitter and Receiver
Normative Electrical Parameters as defined in the Universal Serial Bus 3.1 Specification, Revision
1.0 , July 26, 2013.
www.ti.com
TDA4VM-Q1, TDA4VM
SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
167
Product Folder Links: TDA4VM-Q1 TDA4VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com