Electronic Components Datasheet Search
  English  ▼

X  

PM7382-PI Datasheet(PDF) 21 Page - PMC-Sierra, Inc

Part # PM7382-PI
Description  FRAME ENGINE AND DATA LINK MANAGER 32P256
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7382-PI Datasheet(HTML) 21 Page - PMC-Sierra, Inc

Back Button PM7382-PI Datasheet HTML 17Page - PMC-Sierra, Inc PM7382-PI Datasheet HTML 18Page - PMC-Sierra, Inc PM7382-PI Datasheet HTML 19Page - PMC-Sierra, Inc PM7382-PI Datasheet HTML 20Page - PMC-Sierra, Inc PM7382-PI Datasheet HTML 21Page - PMC-Sierra, Inc PM7382-PI Datasheet HTML 22Page - PMC-Sierra, Inc PM7382-PI Datasheet HTML 23Page - PMC-Sierra, Inc PM7382-PI Datasheet HTML 24Page - PMC-Sierra, Inc PM7382-PI Datasheet HTML 25Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 330 page
background image
RELEASED
PM7382 FREEDM-32P256
DATA SHEET
PMC-2010333
ISSUE 3
FRAME ENGINE AND DATA LINK MANAGER 32P256
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA,INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
10
6
PIN DIAGRAM
The FREEDM-32P256 is manufactured in a 329 pin plastic ball grid array
package.
23
22
21
20
19
18
17
16
15
14
13
12
11
10
987654321
A
RMVCK[2]
RD[16]
RCLK[17] RCLK[19]
RD[21]
RD[22]
RD[23]
RD[24]
RCLK[25] RCLK[27] RCLK[29]
VDD2V5
N.C.
N.C.
N.C.
N.C.
N.C.
N.C.
N.C.
N.C.
N.C.
N.C.
N.C.
A
B
RFPB[2]
RCLK[16]
RD[18]
RD[20]
VDD2V5
RCLK[22]
RFPB[3]
RCLK[24] RCLK[26]
RD[28]
RD[30]
RCLK[31]
N.C.
N.C.
N.C.
N.C.
N.C.
N.C.
VDD2V5
N.C.
N.C.
N.C.
N.C.
B
C
RD[15]
RSTB
RCLK[15] RCLK[18] RCLK[20] RCLK[21] RMVCK[3]
RD[25]
RD[27]
RCLK[28] RCLK[30]
RD[31]
N.C.
N.C.
N.C.
N.C.
N.C.
N.C.
N.C.
N.C.
N.C.
N.C.
N.C.
C
D
RCLK[13]
RD[13]
RCLK[14]
RD[17]
RD[19]
VDD3V3
RCLK[23]
VSS
RD[26]
VDD3V3
RD[29]
VSS
N.C.
VDD3V3
N.C.
VSS
N.C.
VDD3V3
N.C.
N.C.
N.C.
N.C.
N.C.
D
E
RD[12]
VDD2V5
RCLK[12]
RD[14]
N.C.
N.C.
VDD2V5
N.C.
E
F
RD[11]
RCLK[10] RCLK[11]
VSS
VSS
N.C.
N.C.
N.C.
F
G
RD[10]
RD[9]
RCLK[8]
RCLK[9]
BOTTOM VIEW
PCICLKO
PCICLK
N.C.
PCIINTB
G
H
RD[8]
RMVCK[1]
RFPB[1]
VDD3V3
VDD3V3
AD[31]
REQB
GNTB
H
J
RCLK[7]
RCLK[6]
RD[6]
RD[7]
AD[29]
AD[27]
AD[28]
AD[30]
J
K
SYSCLK
RCLK[5]
RD[5]
VSS
VSS
VSS
VSS
VSS
VSS
VSS
AD[24]
AD[25]
AD[26]
K
L
RD[4]
RD[3]
RCLK[3]
RCLK[4]
VSS
VSS
VSS
VSS
VSS
CBEB[3]
AD[22]
AD[23]
IDSEL
L
M
VDD2V5
RCLK[2]
RD[2]
VDD3V3
VSS
VSS
VSS
VSS
VSS
VDD3V3
AD[21]
AD[20]
VDD2V5
M
N
RCLK[0]
RD[1]
RCLK[1]
RD[0]
VSS
VSS
VSS
VSS
VSS
AD[16]
AD[18]
AD[19]
AD[17]
N
P
RMV8FPC
RFPB[0]
RMVCK[0]
VSS
VSS
VSS
VSS
VSS
VSS
VSS
CBEB[2]
FRAMEB
IRDYB
P
R
RBD
RMV8DC
RFP8B
RBCLK
STOPB
TRDYB
DEVSELB
LOCKB
R
T
TCK
TMS
TRSTB
VDD3V3
VDD3V3
PERRB
SERRB
PAR
T
U
TFP8B
TDO
TDI
TMV8DC
AD[14]
CBEB[1]
AD[15]
AD[13]
U
V
TFPB[0]
TMV8FPC
TMVCK[0]
VSS
VSS
AD[10]
AD[12]
AD[11]
V
W
TD[0]
VDD2V5
TCLK[0]
TD[2]
AD[6]
AD[8]
VDD2V5
AD[9]
W
Y
TCLK[1]
TD[1]
TCLK[2]
TD[4]
TMVCK[1]
VDD3V3
TD[12]
VSS
TCLK[15]
VDD3V3
TCLK[17]
VSS
TD[22]
VDD3V3
TD[24]
VSS
TCLK[27]
VDD3V3
TBD
N.C.
AD[5]
CBEB[0]
AD[7]
Y
AA
TCLK[3]
TD[3]
TCLK[6]
TFPB[1]
TD[9]
TD[10]
TD[13]
TCLK[14] TMVCK[2]
TD[17]
TCLK[18]
TD[20]
TCLK[20] TCLK[22]
TFPB[3]
TD[25]
TCLK[26] TCLK[29] TCLK[30]
TBCLK
AD[2]
AD[4]
AD[3]
AA
AB
TD[5]
TCLK[4]
TCLK[7]
TCLK[8]
VDD2V5
TD[11]
TCLK[12]
TD[14]
TFPB[2]
TCLK[16]
TD[19]
TCLK[19]
TD[21]
TD[23]
TMVCK[3] TCLK[25]
TD[27]
TCLK[28]
VDD2V5
TD[31]
PMCTEST
N.C.
AD[1]
AB
AC
TCLK[5]
TD[6]
TD[7]
TD[8]
TCLK[9]
TCLK[10] TCLK[11] TCLK[13]
TD[15]
TD[16]
TD[18]
VDD2V5
TCLK[21] TCLK[23] TCLK[24]
TD[26]
TD[28]
TD[29]
TD[30]
TCLK[31]
N.C.
M66EN
AD[0]
AC
23
22
21
20
19
18
17
16
15
14
13
12
11
10
987654321



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com