Electronic Components Datasheet Search
  English  ▼

X  

PM7382-PI Datasheet(PDF) 13 Page - PMC-Sierra, Inc

Part # PM7382-PI
Description  FRAME ENGINE AND DATA LINK MANAGER 32P256
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7382-PI Datasheet(HTML) 13 Page - PMC-Sierra, Inc

Back Button PM7382-PI Datasheet HTML 9Page - PMC-Sierra, Inc PM7382-PI Datasheet HTML 10Page - PMC-Sierra, Inc PM7382-PI Datasheet HTML 11Page - PMC-Sierra, Inc PM7382-PI Datasheet HTML 12Page - PMC-Sierra, Inc PM7382-PI Datasheet HTML 13Page - PMC-Sierra, Inc PM7382-PI Datasheet HTML 14Page - PMC-Sierra, Inc PM7382-PI Datasheet HTML 15Page - PMC-Sierra, Inc PM7382-PI Datasheet HTML 16Page - PMC-Sierra, Inc PM7382-PI Datasheet HTML 17Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 330 page
background image
RELEASED
PM7382 FREEDM-32P256
DATA SHEET
PMC-2010333
ISSUE 3
FRAME ENGINE AND DATA LINK MANAGER 32P256
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA,INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
2
supports the validation of both CRC-CCITT and CRC-32 frame check
sequences.
· For each channel, the receiver checks for packet abort sequences, octet
aligned packet length and for minimum and maximum packet length. The
receiver supports filtering of packets that are larger than a user specified
maximum value.
· Alternatively, for each channel, the receiver supports a transparent mode
where each octet is transferred transparently to host memory. For
channelised links, the octets are aligned with the receive time-slots.
· For each channel, time-slots are selectable to be in 56 kbits/s format or 64
kbits/s clear channel format.
· For each channel, the HDLC transmitter supports programmable flag
sequence generation, bit stuffing and frame check sequence generation. The
transmitter supports the generation of both CRC-CCITT and CRC-32 frame
check sequences. The transmitter also aborts packets under the direction of
the host or automatically when the channel underflows.
· Supports two levels of non-preemptive packet priority on each transmit
channel. Low priority packets will not begin transmission until all high priority
packets are transmitted.
· Alternatively, for each channel, the transmitter supports a transparent mode
where each octet is inserted transparently from host memory. For
channelised links, the octets are aligned with the transmit time-slots.
· Provides 32 Kbytes of on-chip memory for partial packet buffering in both the
transmit and receive directions. This memory may be configured to support a
variety of different channel configurations from a single channel with 32
Kbytes of buffering to 256 channels, each with a minimum of 48 bytes of
buffering.
· Supports PCI burst sizes of up to 256 bytes for transfers of packet data.
· Provides a standard 5 signal P1149.1 JTAG test port for boundary scan board
test purposes.
· Supports 3.3 Volt PCI signaling environments.
· Supports 5 Volt tolerant I/O (except PCI).
· Low power 2.5 Volt 0.25 mm CMOS technology.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com