Electronic Components Datasheet Search
  English  ▼

X  

PM7382-PI Datasheet(PDF) 42 Page - PMC-Sierra, Inc

Part # PM7382-PI
Description  FRAME ENGINE AND DATA LINK MANAGER 32P256
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7382-PI Datasheet(HTML) 42 Page - PMC-Sierra, Inc

Back Button PM7382-PI Datasheet HTML 38Page - PMC-Sierra, Inc PM7382-PI Datasheet HTML 39Page - PMC-Sierra, Inc PM7382-PI Datasheet HTML 40Page - PMC-Sierra, Inc PM7382-PI Datasheet HTML 41Page - PMC-Sierra, Inc PM7382-PI Datasheet HTML 42Page - PMC-Sierra, Inc PM7382-PI Datasheet HTML 43Page - PMC-Sierra, Inc PM7382-PI Datasheet HTML 44Page - PMC-Sierra, Inc PM7382-PI Datasheet HTML 45Page - PMC-Sierra, Inc PM7382-PI Datasheet HTML 46Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 330 page
background image
RELEASED
PM7382 FREEDM-32P256
DATA SHEET
PMC-2010333
ISSUE 3
FRAME ENGINE AND DATA LINK MANAGER 32P256
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA,INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
31
Pin Name
Type
Pin
No.
Function
TDO
Tristate
Output
U22
The test data output signal (TDO) carries test
data out of the FREEDM-32P256 via the IEEE
P1149.1 test access port. TDO is updated on
the falling edge of TCK. TDO is a tristate output
which is inactive except when scanning of data
is in progress.
TRSTB
Input
T21
The active low test reset signal (TRSTB)
provides an asynchronous FREEDM-32P256
test access port reset via the IEEE P1149.1 test
access port. TRSTB is an asynchronous input
with an integral pull up resistor.
Note that when TRSTB is not being used, it
must be connected to the RSTB input.
NC1-50
Open
These pins must be left unconnected.
Table 4 – Production Test Interface Signals (0 - Multiplexed)
Pin Name
Type
Pin
No.
Function
TA[0]
TA[1]
TA[2]
TA[3]
TA[4]
TA[5]
TA[6]
TA[7]
TA[8]
TA[9]
TA[10]
TA[11]
Input
G23
F23
E23
D22
E20
C23
A22
D20
B21
D19
B20
A19
The test mode address bus (TA[11:0]) selects
specific registers during production test
(PMCTEST set high) read and write accesses.
TA[11:0] replace RD[21:10] when PMCTEST is
set high.
TA[12]
/TRS
Input
A16
The test register select signal (TA[12]/TRS)
selects between normal and test mode register
accesses during production test (PMCTEST set
high). TRS is set high to select test registers
and is set low to select normal registers.
TA[12]/TRS replaces RD[24] when PMCTEST is
set high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com