Electronic Components Datasheet Search
  English  ▼

X  

PM7382-PI Datasheet(PDF) 97 Page - PMC-Sierra, Inc

Part # PM7382-PI
Description  FRAME ENGINE AND DATA LINK MANAGER 32P256
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7382-PI Datasheet(HTML) 97 Page - PMC-Sierra, Inc

Back Button PM7382-PI Datasheet HTML 93Page - PMC-Sierra, Inc PM7382-PI Datasheet HTML 94Page - PMC-Sierra, Inc PM7382-PI Datasheet HTML 95Page - PMC-Sierra, Inc PM7382-PI Datasheet HTML 96Page - PMC-Sierra, Inc PM7382-PI Datasheet HTML 97Page - PMC-Sierra, Inc PM7382-PI Datasheet HTML 98Page - PMC-Sierra, Inc PM7382-PI Datasheet HTML 99Page - PMC-Sierra, Inc PM7382-PI Datasheet HTML 100Page - PMC-Sierra, Inc PM7382-PI Datasheet HTML 101Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 330 page
background image
RELEASED
PM7382 FREEDM-32P256
DATA SHEET
PMC-2010333
ISSUE 3
FRAME ENGINE AND DATA LINK MANAGER 32P256
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA,INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
86
PCI Offset
Register
0x480 - 0x4FC
TCAS Link #0 through #31 Configuration
0x500
PMON Status
0x504
PMON Receive FIFO Overflow Count
0x508
PMON Transmit FIFO Underflow Count
0x50C
PMON Configurable Count #1
0x510
PMON Configurable Count #2
0x514 - 0x51C
PMON Reserved
0x520 - 0x7FC
Reserved
The following PCI configuration registers are implemented by the PCI Interface.
These registers can only be accessed when the PCI Interface is a target and a
configuration cycle is in progress as indicated using the IDSEL input.
Table 13 – PCI Configuration Register Memory Map
PCI Offset
Register
0x00
Vendor Identification/Device Identification
0x04
Command/Status
0x08
Revision Identifier/Class Code
0x0C
Cache Line Size/Latency Timer/Header Type/BIST
0x10
CBI Memory Base Address Register
0x14 - 0x24
Unused Base Address Register
0x28 - 0x38
Reserved
0x3C
Interrupt Line/Interrupt Pin/MIN_GNT/MAX_LAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com