Electronic Components Datasheet Search
  English  ▼

X  

PM7382-PI Datasheet(PDF) 39 Page - PMC-Sierra, Inc

Part # PM7382-PI
Description  FRAME ENGINE AND DATA LINK MANAGER 32P256
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7382-PI Datasheet(HTML) 39 Page - PMC-Sierra, Inc

Back Button PM7382-PI Datasheet HTML 35Page - PMC-Sierra, Inc PM7382-PI Datasheet HTML 36Page - PMC-Sierra, Inc PM7382-PI Datasheet HTML 37Page - PMC-Sierra, Inc PM7382-PI Datasheet HTML 38Page - PMC-Sierra, Inc PM7382-PI Datasheet HTML 39Page - PMC-Sierra, Inc PM7382-PI Datasheet HTML 40Page - PMC-Sierra, Inc PM7382-PI Datasheet HTML 41Page - PMC-Sierra, Inc PM7382-PI Datasheet HTML 42Page - PMC-Sierra, Inc PM7382-PI Datasheet HTML 43Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 330 page
background image
RELEASED
PM7382 FREEDM-32P256
DATA SHEET
PMC-2010333
ISSUE 3
FRAME ENGINE AND DATA LINK MANAGER 32P256
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA,INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
28
Pin Name Type
Pin
No.
Function
REQB
Tristate
Output
H2
The active low PCI bus request signal (REQB)
requests an external arbiter for control of the PCI
bus. REQB is set low when the FREEDM-
32P256 desires access to the host memory.
REQB is set high when access is not desired.
REQB is updated on the rising edge of PCICLK.
GNTB
Input
H1
The active low PCI bus grant signal (GNTB)
indicates the granting of control over the PCI in
response to a bus request via the REQB output.
When GNTB is set high, the FREEDM-32P256
does not have control over the PCI bus. When
GNTB is set low, the external arbiter has granted
the FREEDM-32P256 control over the PCI bus.
However, the FREEDM-32P256 will not proceed
until the FRAMEB signal is sampled high,
indicating no current transactions are in
progress.
GNTB is sampled on the rising edge of PCICLK.
PCIINTB
OD
Output
G1
The active low PCI interrupt signal (PCIINTB) is
set low when a FREEDM-32P256 interrupt
source is active, and that source is unmasked.
The FREEDM-32P256 may be enabled to report
many alarms or events via interrupts. PCIINTB
returns high when the interrupt is acknowledged
via an appropriate register access.
PCIINTB is an open drain output and is
asynchronous to PCICLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com