Electronic Components Datasheet Search
  English  ▼

X  

MCP8022 Datasheet(PDF) 18 Page - Microchip Technology

Part # MCP8022
Description  3-Phase Brushless DC (BLDC) Motor Gate Driver with Power Module, Sleep Mode, Op Amps
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP8022 Datasheet(HTML) 18 Page - Microchip Technology

Back Button MCP8022 Datasheet HTML 14Page - Microchip Technology MCP8022 Datasheet HTML 15Page - Microchip Technology MCP8022 Datasheet HTML 16Page - Microchip Technology MCP8022 Datasheet HTML 17Page - Microchip Technology MCP8022 Datasheet HTML 18Page - Microchip Technology MCP8022 Datasheet HTML 19Page - Microchip Technology MCP8022 Datasheet HTML 20Page - Microchip Technology MCP8022 Datasheet HTML 21Page - Microchip Technology MCP8022 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 66 page
background image
MCP8021/2
DS20006265D-page 18
 2020-2024 Microchip Technology Inc. and its subsidiaries
3.11
High-Side N-MOSFET Gate Driver
Outputs (HSA, HSB, HSC)
High-side N-channel MOSFET gate drive signal. Con-
nect to the gate of the external MOSFETs. A resistor
and gate-to-source capacitor may be used between
these pins and the MOSFET gates to limit phase node
slew rate and MOSFET current.
3.12
Bootstrap Inputs (VBA, VBB, VBC)
High-side MOSFET driver bias. Connect these pins
between the bootstrap charge pump diode cathode
and the bootstrap charge pump capacitor. The VBOOT
output is used to provide the bootstrap supply voltage
at the diode anodes. The phase signals are connected
to the other side of the bootstrap charge pump capaci-
tors. The bootstrap capacitors charge to VBOOT when
the phase signals are pulled low by the low-side
drivers. When the low-side drivers turn off and the
high-side drivers turn on, the phase signal is pulled to
VDD, causing the bootstrap voltage to rise to
VDD +12V.
3.13
Low-Side N-MOSFET Gate Driver
Outputs (LSA, LSB, LSC)
Low-side N-channel MOSFET drive signal. Connect to
the gate of the external MOSFETs. A resistor and gate-
to-source capacitor may be used between these pins
and the MOSFET gates to limit current and slew rate.
3.14
Bootstrap Supply (VBOOT)
Bootstrap supply voltage regulator output. The VBOOT
regulator output may be used to power external devices,
such as Hall effect sensors or amplifiers. The regulator
output requires an output capacitor for stability. The pos-
itive side of the output capacitor should be physically
located as close to the VBOOT pin as is practical. A mini-
mum capacitance of 4.7 µF is required to ensure stable
operation of the VBOOT circuit. Larger capacitances may
be used to increase transient performance. The VBOOT
regulator is supplied by the internal charge pump when
the charge pump is active. When the charge pump is
inactive, the VBOOT regulator is supplied by VDD.
The type of capacitor used may be ceramic, tantalum
or aluminum electrolytic. The low-ESR characteristics
of the ceramic will yield better noise and PSRR
performance at high frequency.
3.15
+3.3V or +5V LDO (VREG)
The VREG pin may be a +3.3V or a +5V Low Dropout
(LDO) voltage regulator output, depending on device
part number. The VREG LDO may be used to power
external devices, such as Hall effect sensors, amplifiers
or host processors. The VREG LDO is enabled when the
device is not in Sleep mode. The LDO requires an out-
put capacitor for stability. The positive side of the output
capacitor should be physically located as close to the
VREG pin as is practical. For most applications, a mini-
mum 4.7 µF of capacitance will ensure stable operation
of the LDO circuit. Larger capacitances may be used to
increase transient performance.
The type of capacitor used may be ceramic, tantalum
or aluminum electrolytic. The low-ESR characteristics
of the ceramic will yield better noise and PSRR
performance at high frequency.
3.16
Power Supply Input (VDD)
Connect VDD to the main supply voltage. This voltage
should be the same as the motor voltage. The driver
overcurrent feature is relative to the VDD pin. When the
VDD voltage is separate from the motor voltage, the
overcurrent protection feature may not be available.
The VDD voltage must not exceed the maximum operat-
ing limits of the device. Connect a bulk capacitor close
to this pin for good load step performance and transient
protection. The actual capacitance should be equal to
or larger than the sum of the capacitors attached to the
driver supply outputs. The attached capacitors are the
VREG, VBOOT and VBx (three bootstrap capacitors), and
the charge pump capacitances.
EQUATION 3-1:
VDD BULK CAPACITOR
CALCULATION
The type of capacitor used may be ceramic, tantalum
or aluminum electrolytic. The low-ESR characteristics
of the ceramic will yield lower voltage drop, better
noise and PSRR performance at high frequency.
3.17
Charge Pump Flying Capacitor
(CAP1, CAP2)
Charge pump flying capacitor connection. Connect the
charge pump capacitor across these two pins. The
Charge Pump Flying Capacitor, CCP, supplies the
power for the VBOOT voltage regulator when the
charge pump is active.
A Schottky diode between the CAP1 pin and HVSS is
recommended to ensure that the CAP1 pin absolute
minimum voltage specification is maintained.
CVDD CVREG + CVBOOT + (3  CVBX) + CCAPx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com