Electronic Components Datasheet Search
  English  ▼

X  

MCP8022 Datasheet(PDF) 50 Page - Microchip Technology

Part # MCP8022
Description  3-Phase Brushless DC (BLDC) Motor Gate Driver with Power Module, Sleep Mode, Op Amps
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP8022 Datasheet(HTML) 50 Page - Microchip Technology

Back Button MCP8022 Datasheet HTML 46Page - Microchip Technology MCP8022 Datasheet HTML 47Page - Microchip Technology MCP8022 Datasheet HTML 48Page - Microchip Technology MCP8022 Datasheet HTML 49Page - Microchip Technology MCP8022 Datasheet HTML 50Page - Microchip Technology MCP8022 Datasheet HTML 51Page - Microchip Technology MCP8022 Datasheet HTML 52Page - Microchip Technology MCP8022 Datasheet HTML 53Page - Microchip Technology MCP8022 Datasheet HTML 54Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 66 page
background image
MCP8021/2
DS20006265D-page 50
 2020-2024 Microchip Technology Inc. and its subsidiaries
REF: Reference Dimension, usually without tolerance, for information purposes only.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
1.
2.
3.
Notes:
Pin 1 visual index feature may vary, but must be located within the hatched area.
Package is saw singulated
Dimensioning and tolerancing per ASME Y14.5M
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
SECTION A-A
A4
E3
ROTATED 180°
Number of Terminals
Overall Height
Terminal Width
Overall Width
Terminal Length
Exposed Pad Width
Terminal Thickness
Pitch
Standoff
Units
Dimension Limits
A1
A
b
E2
A3
e
L
E
N
0.50 BSC
0.203 REF
0.35
0.20
0.80
0.00
0.25
0.40
0.85
0.02
5.00 BSC
MILLIMETERS
MIN
NOM
28
0.45
0.30
0.90
0.05
MAX
K-
0.20
-
Terminal-to-Exposed-Pad
Overall Length
Exposed Pad Length
D
D2
3.15
5.00 BSC
3.25
3.35
3.15
3.25
3.35
Exposed Pad Chamfer
CH
0.35 REF
Microchip Technology Drawing C04-426 Rev D Sheet 2 of 2
28-Lead Very Thin Plastic Quad Flat, No Lead Package (9PX) - 5x5 mm Body [VQFN]
With Stepped Wettable Flanks, 3.25x3.25mm Exposed Pad
Wettable Flank Height
A4
–
Wettable Flank Width
E3
–
–
0.085
0.10
0.19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com