Electronic Components Datasheet Search
  English  ▼

X  

MCP8022 Datasheet(PDF) 56 Page - Microchip Technology

Part # MCP8022
Description  3-Phase Brushless DC (BLDC) Motor Gate Driver with Power Module, Sleep Mode, Op Amps
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP8022 Datasheet(HTML) 56 Page - Microchip Technology

Back Button MCP8022 Datasheet HTML 52Page - Microchip Technology MCP8022 Datasheet HTML 53Page - Microchip Technology MCP8022 Datasheet HTML 54Page - Microchip Technology MCP8022 Datasheet HTML 55Page - Microchip Technology MCP8022 Datasheet HTML 56Page - Microchip Technology MCP8022 Datasheet HTML 57Page - Microchip Technology MCP8022 Datasheet HTML 58Page - Microchip Technology MCP8022 Datasheet HTML 59Page - Microchip Technology MCP8022 Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 66 page
background image
MCP8021/2
DS20006265D-page 56
 2020-2024 Microchip Technology Inc. and its subsidiaries
Microchip Technology Drawing C04-425 Rev D Sheet 2 of 2
REF: Reference Dimension, usually without tolerance, for information purposes only.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
1.
2.
3.
Notes:
Pin 1 visual index feature may vary, but must be located within the hatched area.
Package is saw singulated
Dimensioning and tolerancing per ASME Y14.5M
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
Number of Terminals
Overall Height
Terminal Width
Overall Width
Terminal Length
Exposed Pad Width
Terminal Thickness
Pitch
Standoff
Units
Dimension Limits
A1
A
b
E2
A3
e
L
E
N
0.40 BSC
0.203 REF
3.60
0.30
0.15
0.80
0.00
0.20
0.40
3.70
0.85
0.02
5.00 BSC
MILLIMETERS
MIN
NOM
40
3.80
0.50
0.25
0.90
0.05
MAX
K
0.25 REF
Terminal-to-Exposed-Pad
Overall Length
Exposed Pad Length
D
D2
3.60
5.00 BSC
3.70
3.80
40-Lead Very Thin Plastic Quad Flat, No Lead Package (NHX) - 5x5x0.9 mm Body [VQFN]
With 3.7x3.7 mm Exposed Pad and Wettable Flanks
Wettable Flank Height
A4
–
Wettable Flank Width
E3
–
–
0.085
0.10
0.19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com