Electronic Components Datasheet Search
  English  ▼

X  

MCP8022 Datasheet(PDF) 59 Page - Microchip Technology

Part # MCP8022
Description  3-Phase Brushless DC (BLDC) Motor Gate Driver with Power Module, Sleep Mode, Op Amps
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP8022 Datasheet(HTML) 59 Page - Microchip Technology

Back Button MCP8022 Datasheet HTML 55Page - Microchip Technology MCP8022 Datasheet HTML 56Page - Microchip Technology MCP8022 Datasheet HTML 57Page - Microchip Technology MCP8022 Datasheet HTML 58Page - Microchip Technology MCP8022 Datasheet HTML 59Page - Microchip Technology MCP8022 Datasheet HTML 60Page - Microchip Technology MCP8022 Datasheet HTML 61Page - Microchip Technology MCP8022 Datasheet HTML 62Page - Microchip Technology MCP8022 Datasheet HTML 63Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 66 page
background image
 2020-2024 Microchip Technology Inc. and its subsidiaries
DS20006265D-page 59
MCP8021/2
Microchip Technology Drawing C04-424A Sheet 2 of 2
Number of Terminals
Overall Height
Terminal Width
Overall Width
Terminal Length
Exposed Pad Width
Terminal Thickness
Pitch
Standoff
Units
Dimension Limits
A1
A
b
E2
A2
e
L
E
N
0.50 BSC
3.10
0.50
0.17
-
0.05
-
0.60
3.20
-
-
6.40 BSC
MILLIMETERS
MIN
NOM
38
3.30
0.70
0.27
1.10
0.15
MAX
14° REF
REF: Reference Dimension, usually without tolerance, for information purposes only.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
1.
2.
Notes:
Pin 1 visual index feature may vary, but must be located within the hatched area.
Dimensioning and tolerancing per ASME Y14.5M
Mold Draft Angle
38-Lead Thin Shrink Small Outline Package (SBX) - 4.4 mm Body [TSSOP]
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
With 4.6x 3.2 mm Exposed Pad
Overall Length
Exposed Pad Length
D
D1
4.50
4.60
4.70
L
(L1)
1°
( °)
( °)
S
R1
R
DETAIL A
Molded Package Width
E1
4.40
0.85
0.90
0.95
9.60
9.70
9.80
4.30
4.60
Terminal Width
c
0.09
-
0.20
Terminal Foot Angle
0°
-
8°
S0.20
-
-
Lead Shoulder
Terminal Length
L1
1.00 REF
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com