Electronic Components Datasheet Search
  English  ▼

X  

MCP8022 Datasheet(PDF) 28 Page - Microchip Technology

Part # MCP8022
Description  3-Phase Brushless DC (BLDC) Motor Gate Driver with Power Module, Sleep Mode, Op Amps
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP8022 Datasheet(HTML) 28 Page - Microchip Technology

Back Button MCP8022 Datasheet HTML 24Page - Microchip Technology MCP8022 Datasheet HTML 25Page - Microchip Technology MCP8022 Datasheet HTML 26Page - Microchip Technology MCP8022 Datasheet HTML 27Page - Microchip Technology MCP8022 Datasheet HTML 28Page - Microchip Technology MCP8022 Datasheet HTML 29Page - Microchip Technology MCP8022 Datasheet HTML 30Page - Microchip Technology MCP8022 Datasheet HTML 31Page - Microchip Technology MCP8022 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 66 page
background image
MCP8021/2
DS20006265D-page 28
 2020-2024 Microchip Technology Inc. and its subsidiaries
4.6.4.2
Programmable Dead Time
The gate control logic employs a break-before-make
dead-time delay that is programmable. A configuration
message is provided to configure the driver dead time.
The programmable dead times range from 250 ns to
2000 ns (default) in 250 ns increments. The dead time
allows the PWM inputs to be direct inversions of each
other and still allow proper motor operation. The dead
time internally modifies the PWMH/L gate drive timing
to prevent cross conduction. The DRVDT[2:0] bits of
the CFG2 register are used to set the dead-time value.
4.6.4.3
Programmable Blanking Time
A configuration message is provided to configure the
driver current limit blanking time. The blanking time
allows the driver to ignore any current spikes that may
occur when switching the driver outputs. The allowable
blanking times are 500 ns, 1 µs, 2 µs and 4 µs (default).
The blanking time will start after the dead-time circuitry
has timed out. The DRVBL[1:0] bits of the CFG2 register
are used to set the blanking time value.
The blanking time also affects the driver undervoltage
lockout. The driver undervoltage lockout latches the
external MOSFET undervoltage lockout Fault if the
undervoltage condition lasts longer than the time spec-
ified by the tDUVLO parameter. The tDUVLO parameter
takes into account the blanking time if blanking is in
progress.
4.6.5
OPERATIONAL AMPLIFIERS
(MCP8022)
Three operational amplifiers are present in the
MCP8022 device. The operational amplifiers are
available for general purpose use by the external
system circuitry.
The operational amplifiers are enabled whenever the
device is powered and not in Sleep mode. The user may
also select the state of the operational amplifiers for
Standby mode. When the OE input is set low long
enough for the system to enter Standby mode, the
operational amplifiers may be enabled or disabled,
depending on the value of the CFG0[6] Configuration bit.
When the CFG0[6] bit is ‘0’, the operational amplifiers
will be enabled during Standby mode. When the
CFG0[6] bit is ‘1’, the operational amplifiers will be
disabled during Standby mode. This allows the system
to reduce power consumption without transitioning to
Sleep mode.
The VREG regulator provides the bias supply for the
operational amplifiers. The amplifiers are capable of
operating when the VREG regulator output voltage
drops due to the supply voltage (VDD) dropping. The
corresponding amplifier output voltage limits will be
reduced accordingly. The output voltage range is
capable of providing 200 µA of current from 0.150V to
VREG – 0.150V. The input voltage range is -0.3V to 3.3V.
4.7
Motor Control
The commutation loop of a BLDC motor control is a
Phase-Locked Loop (PLL), which locks to the rotor’s
position. Note that this inner loop does not attempt to
modify the position of the rotor, but modifies the com-
mutation times to match whatever position the rotor
has. An outer speed loop changes the rotor velocity
and the commutation loop locks to the rotor’s position
to commutate the phases at the correct times.
4.7.1
SIX-STEP SENSORLESS MOTOR
CONTROL
Many control algorithms can be implemented with the
MCP8021/2 in conjunction with a microcontroller. The
following discussion provides a starting point for imple-
menting the MCP8021 or MCP8022 in a sensorless
control application of a 3-phase motor. The motor is
driven by energizing two windings at a time and
sequencing the windings in a six-step per electrical
revolution method. This method leaves one winding
unenergized at all times. The voltage (Back EMF or
BEMF) on that unenergized winding can be monitored
to determine the rotor position.
4.7.1.1
Start-Up Sequence
When the motor being driven is at rest, the BEMF volt-
age is equal to zero. The motor needs to be rotating
for the BEMF sensor to lock onto the rotor position and
commutate the motor. The recommended start-up
sequence is to bring the rotor from rest, up to a speed
fast enough to allow BEMF sensing. Motor operation is
comprised of five modes: Disabled mode, Bootstrap
mode, Lock or Align mode, Ramp mode and Run
mode. Refer to the commutation state machine in
Table 4-5. The order in which the microcontroller steps
through the commutation state machine determines
the direction that the motor rotates.
4.7.1.2
Disabled Mode (OE = 0)
When the driver output is disabled (OE = 0), all of the
MOSFET driver outputs are set low.
4.7.1.3
Bootstrap Mode
The high-side driver obtains the high-side biasing
voltage from the VBOOT LDO, bootstrap diode and
bootstrap capacitor. The bootstrap capacitors must
first be charged before the high-side drives may be
used. The bootstrap capacitors are all charged by acti-
vating all three low-side drivers. The active low-side
drivers pull their respective phase nodes low, charging
the bootstrap capacitors to the VBOOT LDO voltage.
The three low-side drivers should be active for at least
1.2 ms per 1 µF of bootstrap capacitance. This
assumes a 12V voltage change and 30 mA (10 mA per
phase) of current coming from the VBOOT LDO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com