Electronic Components Datasheet Search
  English  ▼

X  

MCP8022 Datasheet(PDF) 30 Page - Microchip Technology

Part # MCP8022
Description  3-Phase Brushless DC (BLDC) Motor Gate Driver with Power Module, Sleep Mode, Op Amps
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP8022 Datasheet(HTML) 30 Page - Microchip Technology

Back Button MCP8022 Datasheet HTML 26Page - Microchip Technology MCP8022 Datasheet HTML 27Page - Microchip Technology MCP8022 Datasheet HTML 28Page - Microchip Technology MCP8022 Datasheet HTML 29Page - Microchip Technology MCP8022 Datasheet HTML 30Page - Microchip Technology MCP8022 Datasheet HTML 31Page - Microchip Technology MCP8022 Datasheet HTML 32Page - Microchip Technology MCP8022 Datasheet HTML 33Page - Microchip Technology MCP8022 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 66 page
background image
MCP8021/2
DS20006265D-page 30
 2020-2024 Microchip Technology Inc. and its subsidiaries
4.8
DE2 Communication Port
A half-duplex 9600 baud UART interface is available
to communicate with an external host. The port is used
to configure the MCP8021/2 and also for status and
Fault messages.
4.8.1
COMMUNICATIONS INTERFACE
A single wire, half-duplex, 9600 baud, 8-bit bidirectional
communications interface is implemented using the
open-drain DE2 pin. The interface consists of eight data
bits, one Stop bit and one Start bit. The implementation
of the interface is described in the following sections.
The DE2 interface is an open-drain interface. The
open-drain output is capable of sinking a minimum of
1 mA of current while maintaining less than 50 mV at
the output.
A 5K resistor should typically be used between the
host transmit pin and the MCP8021/2 DE2 pin to allow
the MCP8021/2 to drive the DE2 line low when the
host TX pin is at an active-high level.
The auto-baud frequency is temperature-dependent,
as illustrated in Figure 2-5. To establish proper DE2
communication, it is recommended to synchronize the
host frequency by proceeding the auto-baud function
alternatively, as described in Section 4.8.5 “Auto-
Baud Function”. The time from receiving the last bit
of a command message to sending the first bit of the
response message ranges from tDE2_RSP to tDE2_WAIT,
corresponding to 0 µs to 3.125 ms. The host should
refrain from sending additional messages until the
previously requested message has been received in
order to prevent overwriting the driver response
message.
4.8.2
PACKET FORMAT
Every internal driver status change will cause the
driver to send a message to the microcontroller. The
interface uses a standard UART baud rate of 9600 bits
per second.
In the DE2 protocol, the transmitter and the receiver
do not share a clock signal. A clock signal does not
emanate from one transmitter to the other receiver.
Due to this reason, the protocol is asynchronous. The
protocol uses only one line to communicate, so the
transmit/receive packet must be done in Half-Duplex
mode. A new transmit message is allowed only when
a complete packet has been transmitted and
responded to.
The host must listen to the DE2 line in order to check
for contentions. In case of contention, the host must
release the line and wait for at least three packet
length times before initiating a new transfer.
Figure 4-4 illustrates a basic DE2 data packet.
4.8.3
PACKET TIMING
While no data are being transmitted, a logic ‘1’ must
be placed on the open-drain DE2 line by an external
pull-up resistor. A data packet is composed of one
Start bit, which is always a logic ‘0’, followed by eight
data bits and a Stop bit. The Stop bit must always be a
logic ‘1’. It takes ten bits to transmit a byte of data.
The device detects the Start bit by detecting the transi-
tion from logic ‘1’ to logic ‘0’ (note that while the data
line is Idle, the logic level is high). Once the Start bit is
detected, the next data bit’s “center” can be assured to
be 24 ticks minus 2 (worst-case synchronizer uncer-
tainty) later. From then on, every next data bit center is
16 clock ticks later. Figure 4-5 illustrates this point.
4.8.4
MESSAGE HANDLING
The driver will not transition to Sleep mode while a
message is being received. If a message reception is
in progress before the OE = 0 to Sleep mode transition
delay (tSLEEP) times out, the message will be fully
received and the contents applied to the Configuration
registers if applicable. The SLEEP bit will then be
checked and the system enters Sleep mode if the
SLEEP bit is still active.
4.8.5
AUTO-BAUD FUNCTION
The MCP8021/2 devices provide an auto-baud feature
that allows a host, communicating on the DE2
communications link, to determine the actual baud rate
being used by the MCP8021/2 device. The feature
allows the host to request a 0x55 byte transmission
from the MCP8021/2. The host then determines the
MCP8021/2 baud rate and adjusts the host internal
Baud Rate Generator (BRG) to match the MCP8021/2
baud rate.
The DE2 pin is used to trigger the auto-baud feature.
The host sets the DE2 signal to a logic low for a period
of time (auto-baud Break window) that ranges
between 1.29 ms and 2.0 ms. The host then releases
the DE2 pin back to the host UART control. The host
UART then raises the DE2 pin to a logic high value.
The MCP8021/2 driver will respond with a standard
NACK (‘0b00nnnnnn’, where ‘nnnnnn’ are the six
Least Significant bits (LSbs) received) if the DE2 link
was held low for less than 1.29 ms and the byte was
not interpreted as a valid command. The MCP8021/2
driver will ignore the current message if the DE2 link is
held low for more than 2.0 ms.
If the driver receives a valid auto-baud request in the
allotted time frame, the driver will enter an Auto-Baud
state, indicating an auto-baud message has been
requested. When the auto-baud function is activated,
the DE2 subsystem will disable sending all unsolicited
messages to the host.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com