Electronic Components Datasheet Search
  English  ▼

X  

MCP8022 Datasheet(PDF) 52 Page - Microchip Technology

Part # MCP8022
Description  3-Phase Brushless DC (BLDC) Motor Gate Driver with Power Module, Sleep Mode, Op Amps
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP8022 Datasheet(HTML) 52 Page - Microchip Technology

Back Button MCP8022 Datasheet HTML 48Page - Microchip Technology MCP8022 Datasheet HTML 49Page - Microchip Technology MCP8022 Datasheet HTML 50Page - Microchip Technology MCP8022 Datasheet HTML 51Page - Microchip Technology MCP8022 Datasheet HTML 52Page - Microchip Technology MCP8022 Datasheet HTML 53Page - Microchip Technology MCP8022 Datasheet HTML 54Page - Microchip Technology MCP8022 Datasheet HTML 55Page - Microchip Technology MCP8022 Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 66 page
background image
MCP8021/2
DS20006265D-page 52
 2020-2024 Microchip Technology Inc. and its subsidiaries
TOP VIEW
BOTTOM VIEW
SIDE VIEW
Sheet 1 of 2
Note:
http://www.microchip.com/packaging
For the most current package drawings, please see the Microchip Packaging Specification located at
28-Lead Shrink Smal Outline Package (KEX) - 4.4 mm (.300 In.) Body [TSSOP]
With 3.1x4.6 mm Exposed Pad
Microchip Technology Drawing C04-521 Rev A
A
B
D
C
SEATING
PLANE
0.20 C
2X 14 TIPS
0.10
C A-B D
0.10 C D
2X
0.10 C A-B
12
N
0.05 C
NOTE 1
D
E
2
E
E1
e
A A2
28X b
A1
0.05 C
E1
2
END VIEW
SEE DETAIL A
D1
E2
0.10
C A-B D
0.10
C A-B D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com