Electronic Components Datasheet Search
  English  ▼

X  

MCP8022 Datasheet(PDF) 55 Page - Microchip Technology

Part # MCP8022
Description  3-Phase Brushless DC (BLDC) Motor Gate Driver with Power Module, Sleep Mode, Op Amps
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP8022 Datasheet(HTML) 55 Page - Microchip Technology

Back Button MCP8022 Datasheet HTML 51Page - Microchip Technology MCP8022 Datasheet HTML 52Page - Microchip Technology MCP8022 Datasheet HTML 53Page - Microchip Technology MCP8022 Datasheet HTML 54Page - Microchip Technology MCP8022 Datasheet HTML 55Page - Microchip Technology MCP8022 Datasheet HTML 56Page - Microchip Technology MCP8022 Datasheet HTML 57Page - Microchip Technology MCP8022 Datasheet HTML 58Page - Microchip Technology MCP8022 Datasheet HTML 59Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 66 page
background image
 2020-2024 Microchip Technology Inc. and its subsidiaries
DS20006265D-page 55
MCP8021/2
B
A
0.05 C
0.05 C
0.07
C A B
0.04
C
(DATUM B)
(DATUM A)
C
SEATING
PLANE
NOTE 1
1
2
N
2X
TOP VIEW
SIDE VIEW
BOTTOM VIEW
NOTE 1
1
2
N
0.10
C A B
0.10
C A B
0.10 C
0.08 C
Microchip Technology Drawing C04-425 Rev D Sheet 1 of 2
2X
40X
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
40-Lead Very Thin Plastic Quad Flat, No Lead Package (NHX) - 5x5x0.9 mm Body [VQFN]
With 3.7x3.7 mm Exposed Pad and Wettable Flanks
D
E
D2
E2
40X b
e
2
A
(A3)
A1
(K)
L
e
A
A
SECTION A-A
A4
E3
ROTATED 180°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com