Electronic Components Datasheet Search
  English  ▼

X  

MIC2800 Datasheet(PDF) 18 Page - Microchip Technology

Part # MIC2800
Description  Digital Power Management IC 2 MHz, 600 mA DC/DC with Dual 300 mA/300 mA Low VIN LDOs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2800 Datasheet(HTML) 18 Page - Microchip Technology

Back Button MIC2800 Datasheet HTML 14Page - Microchip Technology MIC2800 Datasheet HTML 15Page - Microchip Technology MIC2800 Datasheet HTML 16Page - Microchip Technology MIC2800 Datasheet HTML 17Page - Microchip Technology MIC2800 Datasheet HTML 18Page - Microchip Technology MIC2800 Datasheet HTML 19Page - Microchip Technology MIC2800 Datasheet HTML 20Page - Microchip Technology MIC2800 Datasheet HTML 21Page - Microchip Technology MIC2800 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
MIC2800
DS20005839C-page 18
 2017-2023 Microchip Technology Inc. and its subsidiaries
3.5
SW
The switch (SW) pin is the common connection
between the internal power MOSFETs and connects
directly to the inductor. Due to the high-speed switching
on this pin, the switch node should be routed away from
sensitive nodes.
3.6
VIN
Two input voltage pins provide power to the switch
mode DC/DC and LDO2 separately. The LDO1 input
voltage is provided by the DC/DC LDO pin. VIN
provides power to the LDO section and the bias
through an internal 6Ω resistor. Both VIN pins must be
tied together.
For the switch mode DC/DC regulator, VIN provides
power to the MOSFET along with current limiting
sensing. Due to the high switching speeds, a 4.7 µF
minimum ceramic capacitor is recommended close to
VIN and the power ground (PGND) pin for bypassing.
3.7
LDO2
Regulated output voltage of LDO2. Power is provided
by
VIN.
The
minimum
recommended
output
capacitance is 2.2 µF ceramic.
3.8
FB
Connect the feedback pin to VOUT for fixed output
voltage versions. For adjustable output version, an
external resistor divider is used to program the output
voltage. To calculate the resistor divider values for the
MIC2800, Equation 3-1 can be used. RTOP is
connected to VOUT, RBOT is connected to GND and
both are connected to the FB input pin.
EQUATION 3-1:
3.9
LDO
The LDO pin is the output of the LOWQ mode linear
regulator and should be connected to the output of the
DC/DC converter. In LOWQ mode (LOWQ < 0.2V), the
LDO supplies the output current and supports the
output voltage in place of the DC/DC stage. In PWM
mode (LOWQ > 1V) the LDO pin provides power to
LDO1.
3.10
LDO1
Regulated output voltage of LDO1. Input power is
provided by the DC/DC switching regulator. The
minimum recommended output capacitance is 2.2 µF
ceramic.
3.11
Power-on Reset (POR)
The Power-on Reset (POR) output is an open-drain
N-channel device, requiring a pull-up resistor to either
the input voltage or output voltages for proper voltage
levels. The POR output has a delay time that is
programmable with a capacitor from the CSET pin to
ground. The delay time can be programmed to be as
long as 1 second.
In steady-state conditions, the POR output is high if at
least one channel (LDO2 and DC-DC, LDO1) is
enabled and has reached regulation. This is equivalent
to performing a logic OR operation on the status of the
output voltages.
If any of the outputs is subsequently pulled out of
regulation (e.g., due to a momentary overload), the
POR signal goes low and it remains low as long as the
affected output is out of regulation. If the affected
output returns in regulation, POR is asserted high after
the delay time programmed with the capacitor at the
CSET pin.
The ESD protection of the POR pin is free from
clamping diodes to the input supply rails. Therefore, the
POR signal can be asserted to host I/Os under backup
power domains or pulled up to backup power sources
without the risk of parasitic leakage, even if the main
power to the MIC2800 is removed.
3.12
CSET
The CSET pin is a current source output that charges a
capacitor that sets the delay time for the Power-on
Reset output from low-to-high. The delay for POR high-
to-low (detecting an undervoltage on any of the
outputs) is always minimal. The current source of
1.25 µA charges a capacitor up from 0V. When the
capacitor reaches 1.25V, the output of the POR is
allowed to go high. The delay time in microseconds is
equal to the CSET capacitor value in picofarads.
EQUATION 3-2:
3.13
CBYP
The internal reference voltage can be bypassed with a
capacitor to ground to reduce output noise and
increase power supply rejection (PSRR). A quick-start
feature allows for quick turn on of the output voltage.
The recommended nominal bypass capacitor is 0.1 µF,
but it can be increased, which will also result in an
increase to the start-up time.
RTOP
RBOT
VOUT
VFB
------------- 1
–


=
PORDelay
s

CSET pF

=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com