Electronic Components Datasheet Search
  English  ▼

X  

MIC2800 Datasheet(PDF) 7 Page - Microchip Technology

Part # MIC2800
Description  Digital Power Management IC 2 MHz, 600 mA DC/DC with Dual 300 mA/300 mA Low VIN LDOs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2800 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MIC2800 Datasheet HTML 3Page - Microchip Technology MIC2800 Datasheet HTML 4Page - Microchip Technology MIC2800 Datasheet HTML 5Page - Microchip Technology MIC2800 Datasheet HTML 6Page - Microchip Technology MIC2800 Datasheet HTML 7Page - Microchip Technology MIC2800 Datasheet HTML 8Page - Microchip Technology MIC2800 Datasheet HTML 9Page - Microchip Technology MIC2800 Datasheet HTML 10Page - Microchip Technology MIC2800 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
 2017-2023 Microchip Technology Inc. and its subsidiaries
DS20005839C-page 7
MIC2800
TABLE 1-4:
ELECTRICAL CHARACTERISTICS - LDO2
Electrical Characteristics: VIN =VOUTLDO2 + 1.0V; EN1 = GND; EN2 = VIN; COUT2 =2.2 µF; IOUTLDO2 =100 µA;
TJ =25°C, bold values indicate –40°C≤ TJ ≤ +125°C; unless noted.
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
LOWQ = High (Full Power Mode)
Output Voltage Accuracy
VOUT_ACC
-2.0
—
+2.0
%
Variation from nominal VOUT
-3.0
+3.0
Variation from nominal VOUT;
-40°C to +125°C
Line Regulation
(∆VOUT/VOUT)
/∆VIN
—0.02
0.3
0.6
%/V
VIN =VOUT + 1V to 5.5V;
IOUT = 100 µA
Load Regulation
∆VOUT/VOUT
—
0.20
0.25
0.40
1.5
%
IOUT = 100 µA to 150 mA
IOUT = 100 µA to 200 mA
IOUT = 100 µA to 300 mA
Dropout Voltage
VDO
—
70
94
142
300
mV
IOUT =150 mA; VOUTLDO2 >= 2.7V
IOUT =200 mA; VOUTLDO2 >= 2.7V
IOUT =300 mA; VOUTLDO2 >= 2.7V
Ripple Rejection
PSRR
—
75
—dB
f = up to 1 kHz; COUT =2.2 µF;
CBYP =0.1 µF
40
f = 20 kHz; COUT = 2.2 µF;
CBYP =0.1 µF
Current Limit
ILIM
400
550
850
mA
VOUT =0V
Output Voltage Noise
VN
—25—
µVRMS
COUT = 2.2 µF; CBYP =0.1 µF;
10 Hz to 100 KHz
LOWQ = Low (Light Load Mode)
Output Voltage Accuracy
VOUT_ACC
-3.0
—
+3.0
%
Variation from nominal VOUT
-4.0
+4.0
Variation from nominal VOUT;
-40°C to +125°C
Line Regulation
(∆VOUT/VOUT)
/∆VIN
—0.02
0.3
0.6
%/V
VIN =VOUT + 1V to 5.5V
Load Regulation
∆VOUT/VOUT
—0.2
1.0
%IOUT = 100 µA to 10 mA
Dropout Voltage
VDO
—22
35
50
mV
IOUT =10mA; VOUTLDO2 >= 2.7V
Ripple Rejection
PSRR
—
75
55
—dB
f = up to 1 kHz; COUT =2.2 µF;
CBYP =0.1 µF
f = 20 kHz; COUT = 2.2 µF;
CBYP =0.1 µF
Current Limit
ILIM
50
85
125
mA
VIN = 2.7V; VOUT =0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com