Electronic Components Datasheet Search
  English  ▼

X  

MIC2800 Datasheet(PDF) 3 Page - Microchip Technology

Part # MIC2800
Description  Digital Power Management IC 2 MHz, 600 mA DC/DC with Dual 300 mA/300 mA Low VIN LDOs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2800 Datasheet(HTML) 3 Page - Microchip Technology

  MIC2800 Datasheet HTML 1Page - Microchip Technology MIC2800 Datasheet HTML 2Page - Microchip Technology MIC2800 Datasheet HTML 3Page - Microchip Technology MIC2800 Datasheet HTML 4Page - Microchip Technology MIC2800 Datasheet HTML 5Page - Microchip Technology MIC2800 Datasheet HTML 6Page - Microchip Technology MIC2800 Datasheet HTML 7Page - Microchip Technology MIC2800 Datasheet HTML 8Page - Microchip Technology MIC2800 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
 2017-2023 Microchip Technology Inc. and its subsidiaries
DS20005839C-page 3
MIC2800
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings†
Supply Voltage (VIN) .....................................................................................................................................-0.3 to +6.0V
Enable Input Voltage (VEN1, EN2) ..................................................................................................... -0.3V to +(VIN+0.3V)
LOWQ, POR .............................................................................................................................................. -0.3V to +6.0V
Power Dissipation (Note 1) .................................................................................................................... Internally Limited
Lead Temperature (soldering, 10 sec.) ................................................................................................................. +260°C
Storage Temperature (TS).......................................................................................................................-65°C to +150°C
ESD Rating (Note 2) .................................................................................................................................................. 2 kV
Operating Ratings‡
Supply Voltage (VIN) ................................................................................................................................. +2.7V to +5.5V
Enable Input Voltage (VEN1, EN2) ..................................................................................................................... 0V to +VIN
LOWQ, POR .................................................................................................................................................. 0V to +5.5V
Junction Temperature (TJ).......................................................................................................................-40°C to +125°C
Junction Thermal Resistance QFN-16 (θJA) .......................................................................................................+45°C/W
Note 1: The maximum allowable power dissipation of any TA (ambient temperature) is PD(max) =(TJ(max) –TA) / θJA.
Exceeding the maximum allowable power dissipation will result in excessive die temperature, and the
regulator will go into thermal shutdown.
2: Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5 kΩ in series with
100 pF.
†Notice: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage
to the device. This is a stress rating only and functional operation of the device at those or any other
conditions above those indicated in the operational sections of this specification is not intended. Exposure
to maximum rating conditions for extended periods may affect device reliability.
‡Notice: The device is not guaranteed to function outside its operating ratings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com