Electronic Components Datasheet Search
  English  ▼

X  

MIC2800 Datasheet(PDF) 1 Page - Microchip Technology

Part # MIC2800
Description  Digital Power Management IC 2 MHz, 600 mA DC/DC with Dual 300 mA/300 mA Low VIN LDOs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2800 Datasheet(HTML) 1 Page - Microchip Technology

  MIC2800 Datasheet HTML 1Page - Microchip Technology MIC2800 Datasheet HTML 2Page - Microchip Technology MIC2800 Datasheet HTML 3Page - Microchip Technology MIC2800 Datasheet HTML 4Page - Microchip Technology MIC2800 Datasheet HTML 5Page - Microchip Technology MIC2800 Datasheet HTML 6Page - Microchip Technology MIC2800 Datasheet HTML 7Page - Microchip Technology MIC2800 Datasheet HTML 8Page - Microchip Technology MIC2800 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
 2017-2023 Microchip Technology Inc. and its subsidiaries
DS20005839C-page 1
MIC2800
Features
• 2.7V to 5.5V Input Voltage Range
• 2 MHz DC/DC Converter and Two LDOs
• Integrated Power-on Reset (POR)
- Adjustable POR Delay Time
• LOWQ Mode
- 30 µA Total IQ when in LOWQ Mode
• DC/DC Converter
- Up to 600 mA of Output Current in PWM
Mode
-LOWQ Mode: NO RIPPLE Light Load Mode
-75 µVRMS Output Noise in LOWQ Mode
- 2 MHz PWM Mode Operation
- > 90% Efficiency
• LDO1 Input Voltage Directly Connected to DC/DC
Converter Output Voltage for Maximum Efficiency
- Ideal for 1.8V to 1.5V Conversion
- 300 mA Output Current from 1.8V Input
- Output Voltage Down to 0.8V
• LDO2 – 300 mA Output Current Capable
• Thermal Shutdown Protection
• Current Limit Protection
• Simple, Leakage-Free Interfacing to Host MPU in
Applications with Backup Power
• Tiny 16-Pin 3 mm x 3 mm QFN Package
Applications
• Embedded MPU and MCU Power
• Portable and Wearable Applications
• Low-Power RF Systems
• Backup Power Systems
General Description
The
MIC2800
is
a
high-performance
power
management IC, featuring three output voltages with
maximum efficiency. Integrating a 2 MHz DC/DC
converter with a LDO post-regulator, the MIC2800
gives two high-efficiency outputs with a second,
300 mA LDO for maximum flexibility. The MIC2800
features a LOWQ mode, reducing the total current
draw while in this mode to less than 30 µA. In LOWQ
mode, the output noise of the DC/DC converter is
reduced to 75 µVRMS, significantly lower than other
converters that use a PFM light load mode that can
interfere with sensitive RF circuitry.
The DC/DC converter uses small values of L and C to
reduce board space but still retains efficiencies over
90% at load currents up to 600 mA.
The MIC2800 operates with very small ceramic output
capacitors and inductors for stability, reducing required
board space and component cost and it is available in
various output voltage options in the 16-pin
3 mm x 3 mm QFN leadless package.
Package Type
MIC2800
16-PIN 3mm X 3mm QFN
LOWQ
BIAS
SGND
PGND
POR
LDO1
LDO
FB
Pin 1
Pin 2
Pin 3
Pin 4
Pin 12
Pin 11
Pin 10
Pin 9
Digital Power Management IC 2 MHz, 600 mA DC/DC with Dual
300 mA/300 mA Low VIN LDOs


Similar Part No. - MIC2800

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2800 MICREL-MIC2800 Datasheet
638Kb / 21P
Digital Power Management IC 2MHz, 600mA DC/DC w/Dual 300mA/300mA Low VIN LDOs
MIC2800-1.8/1.2/2.5YML MICREL-MIC2800-1.8/1.2/2.5YML Datasheet
511Kb / 20P
Digital Power Management IC 2MHz, 600mA DC/DC w/Dual 300mA/300mA Low VIN LDOs
MIC2800-1.8/1.2/2.6YML MICREL-MIC2800-1.8/1.2/2.6YML Datasheet
511Kb / 20P
Digital Power Management IC 2MHz, 600mA DC/DC w/Dual 300mA/300mA Low VIN LDOs
MIC2800-1.8/1.2/2.8YML MICREL-MIC2800-1.8/1.2/2.8YML Datasheet
511Kb / 20P
Digital Power Management IC 2MHz, 600mA DC/DC w/Dual 300mA/300mA Low VIN LDOs
MIC2800-1.8/1.2/3.3YML MICREL-MIC2800-1.8/1.2/3.3YML Datasheet
511Kb / 20P
Digital Power Management IC 2MHz, 600mA DC/DC w/Dual 300mA/300mA Low VIN LDOs
More results

Similar Description - MIC2800

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2810 MICREL-MIC2810 Datasheet
508Kb / 18P
Digital Power Management IC 2MHz, 600mA DC/DC w/Dual 300mA/300mA Low VIN LDOs
logo
Analog Devices
ADP5033 AD-ADP5033 Datasheet
681Kb / 28P
Dual 3 MHz, 800 mA Buck Regulators with Two 300 mA LDOs
REV. 0
ADP5034 AD-ADP5034 Datasheet
706Kb / 28P
Dual 3 MHz, 1200 mA Buck Regulators with Two 300 mA LDOs
REV. A
ADP222 AD-ADP222 Datasheet
750Kb / 24P
Dual, 300 mA Output, Low Noise
REV. B
ADP5037 AD-ADP5037 Datasheet
758Kb / 28P
Dual 3 MHz, 800 mA Buck Regulators with Two 300 mA LDOs
REV. D
ADP5037ACPZ-R7 AD-ADP5037ACPZ-R7 Datasheet
758Kb / 28P
Dual 3 MHz, 800 mA Buck Regulators with Two 300 mA LDOs
REV. D
ADP2140 AD-ADP2140 Datasheet
2Mb / 32P
3 MHz, 600 mA, Low Quiescent Current Buck with 300 mA LDO Regulator
10/2019-Rev. A to Rev. B
logo
Microchip Technology
MIC2810 MICROCHIP-MIC2810 Datasheet
2Mb / 26P
Digital Power Management IC 2 MHz, 600 mA DC/DC with Dual 300 mA/300 mA Low VIN LDOs
09/14/21
logo
Analog Devices
ADP5034 AD-ADP5034_V01 Datasheet
758Kb / 28P
Dual 3 MHz, 1200 mA Buck Regulators with Two 300 mA LDOs
Rev. E
logo
Microchip Technology
MIC5396 MICROCHIP-MIC5396 Datasheet
3Mb / 26P
Low-Power Dual 300 mA LDO
Rev. C .April 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com