Electronic Components Datasheet Search
  English  ▼

X  

MIC2800 Datasheet(PDF) 10 Page - Microchip Technology

Part # MIC2800
Description  Digital Power Management IC 2 MHz, 600 mA DC/DC with Dual 300 mA/300 mA Low VIN LDOs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2800 Datasheet(HTML) 10 Page - Microchip Technology

Back Button MIC2800 Datasheet HTML 6Page - Microchip Technology MIC2800 Datasheet HTML 7Page - Microchip Technology MIC2800 Datasheet HTML 8Page - Microchip Technology MIC2800 Datasheet HTML 9Page - Microchip Technology MIC2800 Datasheet HTML 10Page - Microchip Technology MIC2800 Datasheet HTML 11Page - Microchip Technology MIC2800 Datasheet HTML 12Page - Microchip Technology MIC2800 Datasheet HTML 13Page - Microchip Technology MIC2800 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
MIC2800
DS20005839C-page 10
 2017-2023 Microchip Technology Inc. and its subsidiaries
FIGURE 2-7:
DC/DC LowQ Mode Power
Supply Rejection Ratio vs. Output Current.
FIGURE 2-8:
DC/DC LowQ Mode LDO
Current Limit vs. Supply Voltage.
FIGURE 2-9:
DC/DC LowQ Mode LDO
Output Voltage vs. Output Current.
FIGURE 2-10:
DC/DC LowQ Mode LDO
Output Noise Spectral Density.
FIGURE 2-11:
Power Supply Rejection
Ratio (LDO1 LowQ Mode).
FIGURE 2-12:
Power Supply Rejection
Ratio (LDO1 Normal Mode).
-80
-70
-60
-50
-40
-30
-20
-10
0
10
100
1,000
10,000 100,000 1,000,000
Frequency (Hz)
0 µA
100 µA
50 mA
V
IN=3.6V
V
OUT=1.8V
0
50
100
150
200
250
2.7
3.7
4.7
V
OUT=1.8V
C
OUT=2.2 µF
Supply Voltage (V)
1.84
1.85
1.86
1.87
1.88
1.89
1.90
0
102030405060708090 100
Output Current (mA)
V
IN=3.6V
V
OUT=1.87V
C
OUT=2.2 µF
/LowQ=GND
0.001
0.01
0.1
1
10
10
1,000
100,000
10,000,000
Frequency (Hz)
V
IN=4.2V
C
OUT=2.2 µF
V
OUT=1.87V
-80
-70
-60
-50
-40
-30
-20
-10
0
10
100
1,000
10,000
100,000 1,000,000
Frequency (Hz)
100 µA
50 mA
V
IN=4.2V
V
OUT=1.2V
C
OUT=2.2 µF
C
BYP=0.1µF
-80
-70
-60
-50
-40
-30
-20
-10
0
10
100
1,000
10,000
100,000 1,000,000
Frequency (Hz)
100 µA
50 mA
150 mA
V
IN=4.2V
V
OUT=1.2V
C
OUT=2.2 µF
C
BYP=0.1 µF
/LowQ=V
IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com