Electronic Components Datasheet Search
  English  ▼

X  

MIC2800 Datasheet(PDF) 11 Page - Microchip Technology

Part # MIC2800
Description  Digital Power Management IC 2 MHz, 600 mA DC/DC with Dual 300 mA/300 mA Low VIN LDOs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2800 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MIC2800 Datasheet HTML 7Page - Microchip Technology MIC2800 Datasheet HTML 8Page - Microchip Technology MIC2800 Datasheet HTML 9Page - Microchip Technology MIC2800 Datasheet HTML 10Page - Microchip Technology MIC2800 Datasheet HTML 11Page - Microchip Technology MIC2800 Datasheet HTML 12Page - Microchip Technology MIC2800 Datasheet HTML 13Page - Microchip Technology MIC2800 Datasheet HTML 14Page - Microchip Technology MIC2800 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
 2017-2023 Microchip Technology Inc. and its subsidiaries
DS20005839C-page 11
MIC2800
FIGURE 2-13:
Power Supply Rejection
Ratio (LDO2 LowQ Mode).
FIGURE 2-14:
Power Supply Rejection
Ratio (LDO2 Normal Mode).
FIGURE 2-15:
LDO2 Output Voltage vs.
Temperature.
FIGURE 2-16:
Ground Current vs.
Temperature.
FIGURE 2-17:
Ground Current vs. Output
Current.
FIGURE 2-18:
LDO2 Dropout Voltage vs.
Output Current.
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
100
1,000
10,000
100,000 1,000,000
Frequency (Hz)
100 µA
10 mA
50 mA
V
IN=4.2V
V
OUT=2.8V
C
OUT=2.2 µF
C
BYP=0.01 µF
/LowQ=GND
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
100
1,000
10,000 100,000 1,000,000
Frequency (Hz)
100 µA
50 mA
150 mA
300 mA
V
IN=3.6V
V
OUT=2.8V
C
OUT=2.2 µF
C
BYP=0.01 µF
/LowQ=V
IN
2.50
2.55
2.60
2.65
2.70
2.75
2.80
2.85
2.90
2.95
3.00
-40
-20
0
20
40
60
80
100
120
Temperature (C)
V
OUT=2.8V
V
IN=VOUT+1V
EN1=GND
EN2=V
IN
C
OUT=2.2 µF
C
BYP=0.01 µF
30
35
40
45
50
55
60
65
70
-40
-20
0
20
40
60
80
100
120
Temperature (C)
10 µA
100 mA
300 mA
V
OUT=2.8V
V
IN=Vout+1V
EN1=GND
EN2=V
IN
C
OUT=2.2 µF
C
BYP=0.01 µF
/LowQ=V
IN
0
10
20
30
40
50
60
70
0
50
100
150
200
250
300
Output Current (mA)
V
OUT=2.8V
V
IN=VOUT+1V
C
OUT=2.2 µF
C
BYP=0.01 µF
0
20
40
60
80
100
120
140
0
50
100
150
200
250
300
Output current (mA)
V
OUT = 2.8V
/LowQ=V
IN
C
OUT= 2.2 µF
C
BYP= 0.01 µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com