Electronic Components Datasheet Search
  English  ▼

X  

MIC2800 Datasheet(PDF) 19 Page - Microchip Technology

Part # MIC2800
Description  Digital Power Management IC 2 MHz, 600 mA DC/DC with Dual 300 mA/300 mA Low VIN LDOs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2800 Datasheet(HTML) 19 Page - Microchip Technology

Back Button MIC2800 Datasheet HTML 15Page - Microchip Technology MIC2800 Datasheet HTML 16Page - Microchip Technology MIC2800 Datasheet HTML 17Page - Microchip Technology MIC2800 Datasheet HTML 18Page - Microchip Technology MIC2800 Datasheet HTML 19Page - Microchip Technology MIC2800 Datasheet HTML 20Page - Microchip Technology MIC2800 Datasheet HTML 21Page - Microchip Technology MIC2800 Datasheet HTML 22Page - Microchip Technology MIC2800 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
 2017-2023 Microchip Technology Inc. and its subsidiaries
DS20005839C-page 19
MIC2800
3.14
EN1, EN2
Both enable inputs are active high, requiring 1.0V for
guaranteed logic HIGH level detection (VIH =1.0V
MIN). EN1 provides logic control of both the DC/DC
regulator and LDO1. EN2 provides logic control for
LDO2 only. The enable inputs are CMOS logic and
cannot be left floating.
The enable pins provide logic level control of the
specified outputs. When both enable pins are in the
OFF state, supply current of the device is greatly
reduced (typically < 1 µA). When the DC/DC regulator
is in the OFF state, the output drive is placed in a
“tri-stated” condition, where both the high side
P-channel MOSFET and the low-side N-channel are in
an OFF or nonconducting state. Do not drive either of
the enable pins above the supply voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com