Electronic Components Datasheet Search
  English  ▼

X  

MIC2800 Datasheet(PDF) 17 Page - Microchip Technology

Part # MIC2800
Description  Digital Power Management IC 2 MHz, 600 mA DC/DC with Dual 300 mA/300 mA Low VIN LDOs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2800 Datasheet(HTML) 17 Page - Microchip Technology

Back Button MIC2800 Datasheet HTML 13Page - Microchip Technology MIC2800 Datasheet HTML 14Page - Microchip Technology MIC2800 Datasheet HTML 15Page - Microchip Technology MIC2800 Datasheet HTML 16Page - Microchip Technology MIC2800 Datasheet HTML 17Page - Microchip Technology MIC2800 Datasheet HTML 18Page - Microchip Technology MIC2800 Datasheet HTML 19Page - Microchip Technology MIC2800 Datasheet HTML 20Page - Microchip Technology MIC2800 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
 2017-2023 Microchip Technology Inc. and its subsidiaries
DS20005839C-page 17
MIC2800
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
3.1
LOWQ
The LOWQ pin provides a logic level control between
the internal PWM mode and the low noise linear
regulator mode. With LOWQ pulled low (<0.2V),
quiescent current of the device is greatly reduced by
switching to a low noise linear regulator mode that has
a typical IQ of 20 µA (LDO2 ON only). In LowQ mode
the LDO output can deliver 60 mA of current to the
output. By placing LOWQ high (>1V), the device
transitions into a constant frequency PWM buck
regulator mode. This allows the device the ability to
efficiently deliver up to 600 mA of output current at the
same output voltage, and to support load transients
generated by processor activity.
LOWQ mode also limits the output load of both LDO1
and LDO2 to 10 mA.
The ESD protection of the LOWQ pin is free from
clamping diodes to the input supply rails, therefore the
LOWQ signal can be driven by host I/Os under backup
power domains without the risk of parasitic leakage,
even if the main power to the MIC2800 is removed.
3.2
BIAS
The BIAS pin supplies the power to the internal control
and reference circuitry. The bias is powered from AVIN
through an internal 6Ω resistor. A small 0.1 µF ceramic
capacitor is required for bypassing.
3.3
SGND
Signal ground (SGND) is the ground path for the
biasing and control circuitry. The current loop for the
signal ground should be as small as possible.
3.4
PGND
Power ground (PGND) is the ground path for the high
current PWM mode. The current loop for the power
ground should be as small as possible.
TABLE 3-1:
PIN FUNCTION TABLE
Pin Number
16-Pin QFN
Pin Name
Description
1LOWQ
LOWQ Mode. Active Low Input. Logic High = Full Power Mode; Logic Low = LOWQ
Mode; Do not leave floating.
2
BIAS
Internal circuit bias supply. It must be decoupled to signal ground with a 0.1 µF
capacitor and should not be loaded.
3
SGND
Signal ground
4
PGND
Power ground
5
SW
Switch (Output): Internal power MOSFET output switches.
6VIN
Supply Input – DC/DC. Must be tied to PIN7 externally.
7VIN
Supply Input – LDO2. Must be tied to PIN6 externally.
8
LDO2
Output of LDO regulator 2.
9
FB
Feedback. Input to the error amplifier for DC/DC converter. For fixed output voltages
connect directly to VOUT and an internal resistor network sets the output voltage.
10
LDO
LDO Output: Connect to VOUT of the DC/DC for LOWQ mode operation.
11
LDO1
Output of LDO regulator 1.
12
POR
Power-on Reset Output: Open-drain output. Active low indicates an output
undervoltage condition on either one of the three regulated outputs.
13
CSET
Delay Set Input: connect external capacitor to GND to set the internal delay for the
POR output. When left open, there is a minimum delay. This pin cannot be grounded.
14
CBYP
Reference Bypass: connect external 0.1 µF to GND to reduce output noise. May be left
open.
15
EN1
Enable Input (DC/DC and LDO1). Active High Input. Logic high = On; Logic low = Off;
do not leave floating.
16
EN2
Enable Input (LDO 2). Active High Input. Logic high = On; Logic low = Off; do not leave
floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com