Electronic Components Datasheet Search
  English  ▼

X  

MB95F104AJS Datasheet(PDF) 35 Page - fujitsu semiconductor

Part # MB95F104AJS
Description  8-bit Proprietary Microcontrollers
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB95F104AJS Datasheet(HTML) 35 Page - fujitsu semiconductor

Back Button MB95F104AJS Datasheet HTML 31Page - fujitsu semiconductor MB95F104AJS Datasheet HTML 32Page - fujitsu semiconductor MB95F104AJS Datasheet HTML 33Page - fujitsu semiconductor MB95F104AJS Datasheet HTML 34Page - fujitsu semiconductor MB95F104AJS Datasheet HTML 35Page - fujitsu semiconductor MB95F104AJS Datasheet HTML 36Page - fujitsu semiconductor MB95F104AJS Datasheet HTML 37Page - fujitsu semiconductor MB95F104AJS Datasheet HTML 38Page - fujitsu semiconductor MB95F104AJS Datasheet HTML 39Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 72 page
background image
MB95100AM Series
35
2.
Recommended Operating Conditions
(AVss
= Vss = 0.0 V)
*1 : The value is 2.88 V when the low voltage detection reset is used.
*2 : Use a ceramic capacitor or a capacitor with equivalent frequency characteristics. A bypass capacitor of VCC
pin must have a capacitance value higher than CS. For connection of smoothing capacitor CS, refer to the
diagram below.
WARNING: Semiconductor devices can be permanently damaged by application of stress (voltage, current,
temperature, etc.) in excess of absolute maximum ratings. Do not exceed these ratings.
Parameter
Sym-
bol
Pin name
Condi-
tions
Value
Unit
Remarks
Min
Max
Power
supply
voltage
VCC,
AVCC
⎯⎯
2.42*1
5.5
V
At normal
operating
Other than
MB95FV100D-103
2.3
5.5
Retain
status of
stop
operation
2.7
5.5
At normal
operating
MB95FV100D-103
2.3
5.5
Retain
status of
stop
operation
A/D converter
reference
input voltage
AVR
⎯⎯
4.0
AVCC
V
Smoothing
capacitor
CS
⎯⎯
0.1
1.0
µF*2
Operating
temperature
TA
⎯⎯
− 40
+ 85
°C
Other than MB95FV100D-103
+ 5
+ 35
MB95FV100D-103
C
CS
• C pin connection diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com