Electronic Components Datasheet Search
  English  ▼

X  

MB95F104AJS Datasheet(PDF) 26 Page - fujitsu semiconductor

Part # MB95F104AJS
Description  8-bit Proprietary Microcontrollers
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB95F104AJS Datasheet(HTML) 26 Page - fujitsu semiconductor

Back Button MB95F104AJS Datasheet HTML 22Page - fujitsu semiconductor MB95F104AJS Datasheet HTML 23Page - fujitsu semiconductor MB95F104AJS Datasheet HTML 24Page - fujitsu semiconductor MB95F104AJS Datasheet HTML 25Page - fujitsu semiconductor MB95F104AJS Datasheet HTML 26Page - fujitsu semiconductor MB95F104AJS Datasheet HTML 27Page - fujitsu semiconductor MB95F104AJS Datasheet HTML 28Page - fujitsu semiconductor MB95F104AJS Datasheet HTML 29Page - fujitsu semiconductor MB95F104AJS Datasheet HTML 30Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 72 page
background image
MB95100AM Series
26
■ I/O MAP
(Continued)
Address
Register
abbreviation
Register name
R/W
Initial value
0000H
PDR0
Port 0 data register
R/W
00000000B
0001H
DDR0
Port 0 direction register
R/W
00000000B
0002H
PDR1
Port 1 data register
R/W
00000000B
0003H
DDR1
Port 1 direction register
R/W
00000000B
0004H
⎯
(Disabled)
⎯⎯
0005H
WATR
Oscillation stabilization wait time setting register
R/W
11111111B
0006H
PLLC
PLL control register
R/W
00000000B
0007H
SYCC
System clock control register
R/W
1010X011B
0008H
STBC
Standby control register
R/W
00000000B
0009H
RSRR
Reset source register
R
XXXXXXXXB
000AH
TBTC
Timebase timer control register
R/W
00000000B
000BH
WPCR
Watch prescaler control register
R/W
00000000B
000CH
WDTC
Watchdog timer control register
R/W
00000000B
000DH
⎯
(Disabled)
⎯⎯
000EH
PDR2
Port 2 data register
R/W
00000000B
000FH
DDR2
Port 2 direction register
R/W
00000000B
0010H
PDR3
Port 3 data register
R/W
00000000B
0011H
DDR3
Port 3 direction register
R/W
00000000B
0012H
PDR4
Port 4 data register
R/W
00000000B
0013H
DDR4
Port 4 direction register
R/W
00000000B
0014H
PDR5
Port 5 data register
R/W
00000000B
0015H
DDR5
Port 5 direction register
R/W
00000000B
0016H
PDR6
Port 6 data register
R/W
00000000B
0017H
DDR6
Port 6 direction register
R/W
00000000B
0018H
PDR7
Port 7 data register
R/W
00000000B
0019H
DDR7
Port 7 direction register
R/W
00000000B
001AH
PDR8
Port 8 data register
R/W
00000000B
001BH
DDR8
Port 8 direction register
R/W
00000000B
001CH to
0025H
⎯
(Disabled)
⎯⎯
0026H
PDRE
Port E data register
R/W
00000000B
0027H
DDRE
Port E direction register
R/W
00000000B
0028H,
0029H
⎯
(Disabled)
⎯⎯
002AH
PDRG
Port G data register
R/W
00000000B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com