Electronic Components Datasheet Search
  English  ▼

X  

MB95F104AJS Datasheet(PDF) 18 Page - fujitsu semiconductor

Part # MB95F104AJS
Description  8-bit Proprietary Microcontrollers
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB95F104AJS Datasheet(HTML) 18 Page - fujitsu semiconductor

Back Button MB95F104AJS Datasheet HTML 14Page - fujitsu semiconductor MB95F104AJS Datasheet HTML 15Page - fujitsu semiconductor MB95F104AJS Datasheet HTML 16Page - fujitsu semiconductor MB95F104AJS Datasheet HTML 17Page - fujitsu semiconductor MB95F104AJS Datasheet HTML 18Page - fujitsu semiconductor MB95F104AJS Datasheet HTML 19Page - fujitsu semiconductor MB95F104AJS Datasheet HTML 20Page - fujitsu semiconductor MB95F104AJS Datasheet HTML 21Page - fujitsu semiconductor MB95F104AJS Datasheet HTML 22Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 72 page
background image
MB95100AM Series
18
■ PROGRAMMING FLASH MEMORY MICROCONTROLLERS USING PARALLEL
PROGRAMMER
• Supported Parallel Programmers and Adapters
The following table lists supported parallel programmers and adapters.
Note : For information on applicable adapter models and parallel programmers, contact the following:
Flash Support Group, Inc. TEL:
+81-53-428-8380
• Sector Configuration
The individual sectors of Flash memory correspond to addresses used for CPU access and programming by
the parallel programmer as follows:
• Programming Method
1) Set the type code of the parallel programmer to “17222”.
2) Load program data to programmer addresses 71000H to 7FFFFH.
3) Programmed by parallel programmer
Package
Applicable adapter model
Parallel programmers
FPT-64P-M03
TEF110-108F35AP
AF9708 (Ver 02.35G or more)
AF9709/B (Ver 02.35G or more)
AF9723+AF9834 (Ver 02.08E or more)
FPT-64P-M09
TEF110-108F36AP
*: Programmer addresses are equivalent to CPU addresses, used when the parallel programmer programs
data into Flash memory.
These programmer addresses are used for the parallel programmer to program or erase data in Flash
memory.
Flash memory
CPU address
Programmer address*
SA1 (4 Kbytes)
1000H
71000H
1FFFH
71FFFH
SA2 (4 Kbytes)
2000H
72000H
2FFFH
72FFFH
SA3 (4 Kbytes)
3000H
73000H
3FFFH
73FFFH
SA4 (16 Kbytes)
4000H
74000H
7FFFH
77FFFH
SA5 (16 Kbytes)
8000H
78000H
BFFFH
7BFFFH
SA6 (4 Kbytes)
C000H
7C000H
CFFFH
7CFFFH
SA7 (4 Kbytes)
D000H
7D000H
DFFFH
7DFFFH
SA8 (4 Kbytes)
E000H
7E000H
EFFFH
7EFFFH
SA9 (4 Kbytes)
F000H
7F000H
FFFFH
7FFFFH
• MB95F108AMS/F108ANS/F108AJS/F108AMW/F108ANW/F108AJW (60 Kbytes)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com