Electronic Components Datasheet Search
  English  ▼

X  

MB95F104AJS Datasheet(PDF) 30 Page - fujitsu semiconductor

Part # MB95F104AJS
Description  8-bit Proprietary Microcontrollers
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB95F104AJS Datasheet(HTML) 30 Page - fujitsu semiconductor

Back Button MB95F104AJS Datasheet HTML 26Page - fujitsu semiconductor MB95F104AJS Datasheet HTML 27Page - fujitsu semiconductor MB95F104AJS Datasheet HTML 28Page - fujitsu semiconductor MB95F104AJS Datasheet HTML 29Page - fujitsu semiconductor MB95F104AJS Datasheet HTML 30Page - fujitsu semiconductor MB95F104AJS Datasheet HTML 31Page - fujitsu semiconductor MB95F104AJS Datasheet HTML 32Page - fujitsu semiconductor MB95F104AJS Datasheet HTML 33Page - fujitsu semiconductor MB95F104AJS Datasheet HTML 34Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 72 page
background image
MB95100AM Series
30
(Continued)
Address
Register
abbreviation
Register name
R/W
Initial value
0FA0H
PPS11
8/16-bit PPG1 cycle setting buffer register ch.1
R/W
11111111B
0FA1H
PPS10
8/16-bit PPG0 cycle setting buffer register ch.1
R/W
11111111B
0FA2H
PDS11
8/16-bit PPG1 duty setting buffer register ch.1
R/W
11111111B
0FA3H
PDS10
8/16-bit PPG0 duty setting buffer register ch.1
R/W
11111111B
0FA4H
PPGS
8/16-bit PPG start register
R/W
00000000B
0FA5H
REVC
8/16-bit PPG output inversion register
R/W
00000000B
0FA6H
TMRH0/
TMRLRH0
16-bit timer register (Upper byte) ch.0/
16-bit reload register (Upper byte) ch.0
R/W
00000000B
0FA7H
TMRL0/
TMRLRL0
16-bit timer register (Lower byte) ch.0/
16-bit reload register (Lower byte) ch.0
R/W
00000000B
0FA8H,
0FA9H
⎯
(Disabled)
⎯⎯
0FAAH
PDCRH0
16-bit PPG down counter register (Upper byte) ch.0
R
00000000B
0FABH
PDCRL0
16-bit PPG down counter register (Lower byte) ch.0
R
00000000B
0FACH
PCSRH0
16-bit PPG cycle setting buffer register (Upper byte) ch.0
R/W
11111111B
0FADH
PCSRL0
16-bit PPG cycle setting buffer register (Lower byte) ch.0
R/W
11111111B
0FAEH
PDUTH0
16-bit PPG duty setting buffer register (Upper byte) ch.0
R/W
11111111B
0FAFH
PDUTL0
16-bit PPG duty setting buffer register (Lower byte) ch.0
R/W
11111111B
0FB0H
PDCRH1
16-bit PPG down counter register (Upper byte) ch.1
R
00000000B
0FB1H
PDCRL1
16-bit PPG down counter register (Lower byte) ch.1
R
00000000B
0FB2H
PCSRH1
16-bit PPG cycle setting buffer register (Upper byte) ch.1
R/W
11111111B
0FB3H
PCSRL1
16-bit PPG cycle setting buffer register (Lower byte) ch.1
R/W
11111111B
0FB4H
PDUTH1
16-bit PPG duty setting buffer register (Upper byte) ch.1
R/W
11111111B
0FB5H
PDUTL1
16-bit PPG duty setting buffer register (Lower byte) ch.1
R/W
11111111B
0FB6H to
0FBBH
⎯
(Disabled)
⎯⎯
0FBCH
BGR1
LIN-UART baud rate generator register 1
R/W
00000000B
0FBDH
BGR0
LIN-UART baud rate generator register 0
R/W
00000000B
0FBEH
PSSR0
UART/SIO dedicated baud rate generator
prescaler selection register ch.0
R/W
00000000B
0FBFH
BRSR0
UART/SIO dedicated baud rate generator
baud rate setting register ch.0
R/W
00000000B
0FC0H,
0FC1H
⎯
(Disabled)
⎯⎯
0FC2H
AIDRH
A/D input disable register (Upper byte)
R/W
00000000B
0FC3H
AIDRL
A/D input disable register (Lower byte)
R/W
00000000B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com