Electronic Components Datasheet Search
  English  ▼

X  

MB95F104AJS Datasheet(PDF) 36 Page - fujitsu semiconductor

Part # MB95F104AJS
Description  8-bit Proprietary Microcontrollers
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB95F104AJS Datasheet(HTML) 36 Page - fujitsu semiconductor

Back Button MB95F104AJS Datasheet HTML 32Page - fujitsu semiconductor MB95F104AJS Datasheet HTML 33Page - fujitsu semiconductor MB95F104AJS Datasheet HTML 34Page - fujitsu semiconductor MB95F104AJS Datasheet HTML 35Page - fujitsu semiconductor MB95F104AJS Datasheet HTML 36Page - fujitsu semiconductor MB95F104AJS Datasheet HTML 37Page - fujitsu semiconductor MB95F104AJS Datasheet HTML 38Page - fujitsu semiconductor MB95F104AJS Datasheet HTML 39Page - fujitsu semiconductor MB95F104AJS Datasheet HTML 40Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 72 page
background image
MB95100AM Series
36
3.
DC Characteristics
(Vcc
= AVcc = 5.0 V ± 10%, AVss = Vss = 0.0 V, TA = − 40 °C to + 85 °C)
(Continued)
Parameter
Sym-
bol
Pin name
Conditions
Value
Unit
Remarks
Min
Typ
Max
“H” level input
voltage
VIH
P10, P50, P51, P67
*1
0.7 Vcc
⎯
Vcc
+
0.3
V
Hysteresis
input of CMOS
input level
VIHA
P00 to P07, P10 to P14,
P20 to P24, P30 to P37,
P40 to P43, P50 to P53,
P60 to P67, P70, P71,
P80 to P83, PE0 to PE3,
PG1*2, PG2*2
⎯
0.8 VCC
⎯ VCC + 0.3 V
Pin input at
selecting of
Automotive
input level
VIHS
P00 to P07, P10 to P14,
P20 to P24, P30 to P37,
P40 to P43, P50 to P53,
P60 to P67, P70, P71,
P80 to P83, PE0 to PE3,
PG1*2, PG2*2
*1
0.8 Vcc
⎯
Vcc
+
0.3
V
Hysteresis input
VIHM RST, MOD
⎯
0.7 Vcc
⎯
Vcc
+
0.3
V
CMOS input
(MASK ROM
product is
hysteresis
input)
“L” level input
voltage
VIL
P10, P50, P51, P67
*1
Vss
−
0.3
⎯
0.3 Vcc
V
Hysteresis
input of CMOS
input level
VILA
P00 to P07, P10 to P14,
P20 to P24, P30 to P37,
P40 to P43, P50 to P53,
P60 to P67, P70, P71,
P80 to P83, PE0 to PE3,
PG1*2, PG2*2
⎯
VSS
− 0.3
⎯
0.5 VCC
V
Pin input at
selecting of
Automotive
input level
VILS
P00 to P07, P10 to P14,
P20 to P24, P30 to P37,
P40 to P43, P50 to P53,
P60 to P67, P70, P71,
P80 to P83, PE0 to PE3,
PG1*2, PG2*2
*1
Vss
−
0.3
⎯
0.2 Vcc
V
Hysteresis input
VILM RST, MOD
⎯
Vss
−
0.3
⎯
0.3 Vcc
V
CMOS input
(MASK ROM
product is
hysteresis
input)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com