Electronic Components Datasheet Search
  English  ▼

X  

MB95F104AJS Datasheet(PDF) 28 Page - fujitsu semiconductor

Part # MB95F104AJS
Description  8-bit Proprietary Microcontrollers
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB95F104AJS Datasheet(HTML) 28 Page - fujitsu semiconductor

Back Button MB95F104AJS Datasheet HTML 24Page - fujitsu semiconductor MB95F104AJS Datasheet HTML 25Page - fujitsu semiconductor MB95F104AJS Datasheet HTML 26Page - fujitsu semiconductor MB95F104AJS Datasheet HTML 27Page - fujitsu semiconductor MB95F104AJS Datasheet HTML 28Page - fujitsu semiconductor MB95F104AJS Datasheet HTML 29Page - fujitsu semiconductor MB95F104AJS Datasheet HTML 30Page - fujitsu semiconductor MB95F104AJS Datasheet HTML 31Page - fujitsu semiconductor MB95F104AJS Datasheet HTML 32Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 72 page
background image
MB95100AM Series
28
(Continued)
Address
Register
abbreviation
Register name
R/W
Initial value
004EH,
004FH
⎯
(Disabled)
⎯⎯
0050H
SCR
LIN-UART serial control register
R/W
00000000B
0051H
SMR
LIN-UART serial mode register
R/W
00000000B
0052H
SSR
LIN-UART serial status register
R/W
00001000B
0053H
RDR/TDR
LIN-UART reception/transmission data register
R/W
00000000B
0054H
ESCR
LIN-UART extended status control register
R/W
00000100B
0055H
ECCR
LIN-UART extended communication control register
R/W
000000XXB
0056H
SMC10
UART/SIO serial mode control register 1 ch.0
R/W
00000000B
0057H
SMC20
UART/SIO serial mode control register 2 ch.0
R/W
00100000B
0058H
SSR0
UART/SIO serial status register ch.0
R/W
00000001B
0059H
TDR0
UART/SIO serial output data register ch.0
R/W
00000000B
005AH
RDR0
UART/SIO serial input data register ch.0
R
00000000B
005BH to
005FH
⎯
(Disabled)
⎯⎯
0060H
IBCR00
I2C bus control register 0 ch.0
R/W
00000000B
0061H
IBCR10
I2C bus control register 1 ch.0
R/W
00000000B
0062H
IBSR0
I2C bus status register ch.0
R
00000000B
0063H
IDDR0
I2C data register ch.0
R/W
00000000B
0064H
IAAR0
I2C address register ch.0
R/W
00000000B
0065H
ICCR0
I2C clock control register ch.0
R/W
00000000B
0066H to
006BH
⎯
(Disabled)
⎯⎯
006CH
ADC1
8/10-bit A/D converter control register 1
R/W
00000000B
006DH
ADC2
8/10-bit A/D converter control register 2
R/W
00000000B
006EH
ADDH
8/10-bit A/D converter data register (Upper byte)
R/W
00000000B
006FH
ADDL
8/10-bit A/D converter data register (Lower byte)
R/W
00000000B
0070H
WCSR
Watch counter status register
R/W
00000000B
0071H
⎯
(Disabled)
⎯⎯
0072H
FSR
Flash memory status register
R/W
000X0000B
0073H
SWRE0
Flash memory sector writing control register 0
R/W
00000000B
0074H
SWRE1
Flash memory sector writing control register 1
R/W
00000000B
0075H
⎯
(Disabled)
⎯⎯
0076H
WREN
Wild register address compare enable register
R/W
00000000B
0077H
WROR
Wild register data test setting register
R/W
00000000B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com