Electronic Components Datasheet Search
  English  ▼

X  

LP2951 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LP2951
Description  LP2951-Q1 Automotive, Adjustable Micropower Voltage Regulator With Shutdown
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2951 Datasheet(HTML) 5 Page - Texas Instruments

  LP2951 Datasheet HTML 1Page - Texas Instruments LP2951 Datasheet HTML 2Page - Texas Instruments LP2951 Datasheet HTML 3Page - Texas Instruments LP2951 Datasheet HTML 4Page - Texas Instruments LP2951 Datasheet HTML 5Page - Texas Instruments LP2951 Datasheet HTML 6Page - Texas Instruments LP2951 Datasheet HTML 7Page - Texas Instruments LP2951 Datasheet HTML 8Page - Texas Instruments LP2951 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 47 page
background image
5.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VIN
Input voltage
2.0
30
V
VEN
Enable voltage
0
30
VOUT
Output voltage
1.2
30
IL
Output current
0
100
mA
CL
Output capacitor(1)
1
2.2
100
µF
CL ESR
Output capacitor ESR (Legacy chip)
30m
5
Ω
Output capacitor ESR (New chip)
0
2
CIN
Input capacitor
1
µF
CFF
Feed-forward capacitor (optional(2), for adjustable device only)
10
pF
IFB_DIVIDER
Feedback divider current(2) (adjustable device only)
12
µA
TJ
Junction temperature
–40
125
°C
(1)
Effective output capacitance of 0.5µF minimum required for stability.
(2)
CFF required for stability if the feedback divider current < 12µA. Feedback divider current = VOUT / (R1 + R2). See the Feed-Forward
Capacitor (CFF) section for details.
5.4 Thermal Information
THERMAL METRIC(1) (2)
Legacy Chip
New Chip
UNIT
D
DRG
D
DRG
8 PINS
8 PINS
8 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
121.6
55.7
123
48.5
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
69.8
66.5
67.8
60.4
°C/W
RθJB
Junction-to-board thermal resistance
61.9
30.2
70.7
22.4
°C/W
ΨJT
Junction-to-top characterization parameter
22.2
1.1
18.0
1.7
°C/W
ΨJB
Junction-to-board characterization parameter
69.8
30.4
69.8
22.4
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
n/a
10
n/a
3.3
°C/W
(1)
The thermal data is based on the JEDEC standard high K profile,JESD 51-7. Two-signal, two-plane, four-layer board with 2-oz. copper.
The copper pad is soldered to the thermal land pattern. Also, correct attachment procedure must be incorporated.
(2)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
note.
5.5 Electrical Characteristics (Both Legacy and New Chip)
VIN = VOUT (nominal) + 1V, IL = 100µA, CL = 1µF (for new chip) and CL = 2.2µF (for legacy chip),
FEEDBACK tied to VTAP, OUTPUT tied to SENSE, VSHUTDOWN ≤ 0.7V
PARAMETER
TEST CONDITIONS
TJ
MIN
TYP
MAX UNIT
3.3-V VERSION
Output voltage
IL = 100µA
Legacy chip
25°C
3.267
3.3
3.333
V
–40°C to
125°C
3.234
3.3
3.366
New chip
25°C
3.2868
3.3 3.3132
–40°C to
125°C
3.2736
3.3 3.3264
5-V VERSION
www.ti.com
LP2951-Q1
SLVSAW6H – JUNE 2011 – REVISED NOVEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: LP2951-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com