Electronic Components Datasheet Search
  English  ▼

X  

LP2951 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # LP2951
Description  LP2951-Q1 Automotive, Adjustable Micropower Voltage Regulator With Shutdown
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2951 Datasheet(HTML) 18 Page - Texas Instruments

Back Button LP2951 Datasheet HTML 14Page - Texas Instruments LP2951 Datasheet HTML 15Page - Texas Instruments LP2951 Datasheet HTML 16Page - Texas Instruments LP2951 Datasheet HTML 17Page - Texas Instruments LP2951 Datasheet HTML 18Page - Texas Instruments LP2951 Datasheet HTML 19Page - Texas Instruments LP2951 Datasheet HTML 20Page - Texas Instruments LP2951 Datasheet HTML 21Page - Texas Instruments LP2951 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 47 page
background image
5.7 Typical Characteristics (continued)
at VIN = VOUT (nominal) + 1V, IL = 100μA, CL = 1µF (for new chip) and CL = 2.2µF (for legacy chip) (unless otherwise noted)
Frequency (Hz)
1x101 1x102 1x103 1x104 1x105 1x106 1x107
0
10
20
30
40
50
60
70
80
90
100
110
120
COUT
1
F
3.3
F
10
F
VIN = 6V, VOUT = 5V, IL = 100mA
Figure 5-49. Ripple Rejection vs Frequency (New Chip)
Frequency (Hz)
1x101 1x102 1x103 1x104 1x105 1x106 1x107
0
10
20
30
40
50
60
70
80
90
100
110
120
COUT
1
F
3.3
F
10
F
VIN = 6V, VOUT = 5V, IL = 1mA
Figure 5-50. Ripple Rejection vs Frequency (New Chip)
Frequency (Hz)
10
100
1000
10000
100000
0
1
2
3
4
5
6
CL = 1F
CL = 200F
CL = 3.3F
Figure 5-51. Output Noise vs Frequency (Legacy Chip)
Frequency (Hz)
1x101 1x102 1x103 1x104 1x105 1x106 1x107
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
20
20
COUT
1
F
3.3
F
200
F
VIN = 6V, VOUT = 5V, IL = 100μA
Figure 5-52. Output Noise vs Frequency (New Chip)
Frequency (Hz)
1x101
1x102
1x103
1x104
1x105
1x106
1x107
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
IOUT
0mA
100uA
1mA
50mA
100mA
VIN = 6V, VOUT = 5V, CL = 1μF
Figure 5-53. Output Noise vs Frequency (New Chip)
Figure 5-54. Output Impedance vs Frequency (Legacy Chip)
LP2951-Q1
SLVSAW6H – JUNE 2011 – REVISED NOVEMBER 2024
www.ti.com
18
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LP2951-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com