Electronic Components Datasheet Search
  English  ▼

X  

LP2951 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LP2951
Description  LP2951-Q1 Automotive, Adjustable Micropower Voltage Regulator With Shutdown
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2951 Datasheet(HTML) 1 Page - Texas Instruments

  LP2951 Datasheet HTML 1Page - Texas Instruments LP2951 Datasheet HTML 2Page - Texas Instruments LP2951 Datasheet HTML 3Page - Texas Instruments LP2951 Datasheet HTML 4Page - Texas Instruments LP2951 Datasheet HTML 5Page - Texas Instruments LP2951 Datasheet HTML 6Page - Texas Instruments LP2951 Datasheet HTML 7Page - Texas Instruments LP2951 Datasheet HTML 8Page - Texas Instruments LP2951 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
LP2951-Q1 Automotive, Adjustable Micropower Voltage Regulator With Shutdown
1 Features
• AEC-Q100 qualified for automotive applications:
– Temperature grade 1: −40°C to +125°C, TA
– Temperature grade 1: −40°C to +125°C, TJ
• Wide input voltage range
– VIN range (new chip): 2V to 30V
• Wide output voltage range VOUT
– Fixed option: 3.3V, 5.0V
– Adjustable option: 1.2V to 29V
• Output current: Up to 100mA
• VOUT accuracy:
– ±2% over line, load, and temperature for legacy
chip
– ±1% over line, load, and temperature for new
chip
• Quiescent current IQ (new chip): 50μA (typical)
• Low dropout: 340mV (typical) for new chip
• Output current limiting and thermal shutdown
• Open-drain error output
• Stable over a wide range of ceramic output
capacitor values:
– CL range: 1μF to 100μF (new chip)
– ESR range: 0Ω to 2Ω (new chip)
• Package options:
– D (8-pin SOIC)
– DRG (8-pin WSON)
2 Applications
• Infotainment and clusters
• HEV/EV battery-management systems (BMS)
• HEV/EV inverters and motor controls
• HEV/EV onboard chargers (OBC) and wireless
chargers
• HEV/EV DC/DC converters
3 Description
The LP2951-Q1 is a wide input low-dropout regulator
(LDO) supporting an input voltage range from 2V to
30V and can supply up to 100mA of load current.
The LP2951-Q1 is able to output either a fixed or
adjustable output from the same device. By tying
the OUTPUT and SENSE pins together, and the
FEEDBACK and VTAP pins together, the LP2951-Q1
gives 3.3V or 5V fixed output voltages. Alternatively,
leave the SENSE and VTAP pins open and connect
FEEDBACK to an external resistor divider. This
configuration allows the output to be set to any value
between 1.2V to 29V.
The LP2951-Q1 has a ERROR output that monitors
the voltage at the feedback pin to indicate the status
of the output voltage. The SHUTDOWN input and
ERROR output are used for sequencing multiple
power supplies in the system.
Package Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE(2)
LP2951-33-Q1
DRG (WSON, 8)
3mm × 3mm
LP2951-50-Q1
LP2951-50-Q1
D (SOIC, 8)
4.9mm × 6mm
(1)
For more information, see the Section 10.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
-30
0
30
60
90
120
150
T
A- Temperature - °C
50
100
150
200
250
300
350
400
450
500
I
L= 50mA
I
L= 100mA
VIN = 4.9V
Dropout Voltage vs Temperature (New Chip)
LP2951
Load
VBAT
FB
1µF
1µF
OUTPUT
1
3
4
8
7
6
5
SENSE
SHUTDOWN
330K
INPUT
FEEDBACK
VTAP
ERROR
2
Typical Application Circuit
LP2951-Q1
SLVSAW6H – JUNE 2011 – REVISED NOVEMBER 2024
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LP2951

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2951 NSC-LP2951 Datasheet
1Mb / 26P
Series of Adjustable Micropower Voltage Regulators
logo
Semtech Corporation
LP2951 SEMTECH-LP2951 Datasheet
67Kb / 3P
150mA ADJUSTABLE VOLTAGE REGULATOR
logo
Advanced Monolithic Sys...
LP2951 ADMOS-LP2951 Datasheet
142Kb / 14P
100mA LOW DROPOUT VOLTAGE REGULATOR
logo
Fairchild Semiconductor
LP2951 FAIRCHILD-LP2951 Datasheet
46Kb / 10P
Adjustable Micro Power Voltage Regulator
logo
Calogic, LLC
LP2951 CALOGIC-LP2951 Datasheet
140Kb / 10P
100mA Low Dropout Voltage Regulators
More results

Similar Description - LP2951

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2950 TI-LP2950_08 Datasheet
2Mb / 25P
ADJUSTABLE MICROPOWER VOLTAGE REGULATORS WITH SHUTDOWN
LP2950 TI-LP2950_10 Datasheet
2Mb / 28P
ADJUSTABLE MICROPOWER VOLTAGE REGULATORS WITH SHUTDOWN
LP2950 TI1-LP2950_11 Datasheet
3Mb / 31P
ADJUSTABLE MICROPOWER VOLTAGE REGULATORS WITH SHUTDOWN
LP2950 TI1-LP2950 Datasheet
3Mb / 31P
ADJUSTABLE MICROPOWER VOLTAGE REGULATORS WITH SHUTDOWN
LP2951-50QDRGRQ1 TI1-LP2951-50QDRGRQ1 Datasheet
3Mb / 24P
ADJUSTABLE MICROPOWER VOLTAGE REGULATORS WITH SHUTDOWN
LP2951-50QDRGRQ1 TI-LP2951-50QDRGRQ1 Datasheet
3Mb / 24P
ADJUSTABLE MICROPOWER VOLTAGE REGULATORS WITH SHUTDOWN
LP2950 TI-LP2950_15 Datasheet
3Mb / 32P
Adjustable Micropower Voltage Regulators with Shutdown
LP2951-33-Q1 TI-LP2951-33-Q1_15 Datasheet
3Mb / 30P
Adjustable Micropower Voltage Regulators With Shutdown
LP2951-50-Q1 TI-LP2951-50-Q1_15 Datasheet
3Mb / 30P
LP2951-xx-Q1 Adjustable Micropower Voltage Regulators With Shutdown
LP2951-33-Q1 TI1-LP2951-33-Q1 Datasheet
3Mb / 30P
Adjustable Micropower Voltage Regulators With Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com