Electronic Components Datasheet Search
  English  ▼

X  

LP2951 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LP2951
Description  LP2951-Q1 Automotive, Adjustable Micropower Voltage Regulator With Shutdown
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2951 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LP2951 Datasheet HTML 6Page - Texas Instruments LP2951 Datasheet HTML 7Page - Texas Instruments LP2951 Datasheet HTML 8Page - Texas Instruments LP2951 Datasheet HTML 9Page - Texas Instruments LP2951 Datasheet HTML 10Page - Texas Instruments LP2951 Datasheet HTML 11Page - Texas Instruments LP2951 Datasheet HTML 12Page - Texas Instruments LP2951 Datasheet HTML 13Page - Texas Instruments LP2951 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 47 page
background image
5.7 Typical Characteristics
at VIN = VOUT (nominal) + 1V, IL = 100μA, CL = 1µF (for new chip) and CL = 2.2µF (for legacy chip) (unless otherwise noted)
0.01
0.1
1
10
0.0001
0.001
0.01
0.1
I
L – Load Cur r e nt – A
Figure 5-1. Quiescent Current vs Load Current (Legacy Chip)
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.1
I
L- Load Current - A
0
100
200
300
400
500
600
700
800
900
1000
-55°C
-40°C
0°C
25°C
85°C
125°C
150°C
VIN = 6V, VOUT = 5V
Figure 5-2. Quiescent Current vs Load Current (New Chip)
0
10
20
30
40
50
60
70
80
90
100
0
1
2
3
4
5
6
7
8
9
10
VIN – Input Voltage – V
R =
L
∞
VOUT = 5V, IL = 0mA
Figure 5-3. Input Current vs Input Voltage (Legacy Chip)
0
5
10
15
20
25
30
V
IN- Input Voltage - V
0
20
40
60
80
100
120
140
160
180
200
-55°C
-40°C
0°C
25°C
85°C
125°C
150°C
VOUT = 5V, IL = 0mA
Figure 5-4. Input Current vs Input Voltage (New Chip)
Input Voltage (V)
1
2
3
4
5
6
7
8
9
10
0
20
40
60
80
100
120
140
160
180
200
RL = 50k
VOUT = 5V, IL = 100μA
Figure 5-5. Input Current vs Input Voltage (Legacy Chip)
0
5
10
15
20
25
30
V
IN- Input Voltage - V
0
20
40
60
80
100
120
140
160
180
200
-55°C
-40°C
0°C
25°C
85°C
125°C
150°C
VOUT = 5V, IL = 100μA
Figure 5-6. Input Current vs Input Voltage (New Chip)
LP2951-Q1
SLVSAW6H – JUNE 2011 – REVISED NOVEMBER 2024
www.ti.com
10
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LP2951-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com