Electronic Components Datasheet Search
  English  ▼

X  

LP2951 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LP2951
Description  LP2951-Q1 Automotive, Adjustable Micropower Voltage Regulator With Shutdown
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2951 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LP2951 Datasheet HTML 7Page - Texas Instruments LP2951 Datasheet HTML 8Page - Texas Instruments LP2951 Datasheet HTML 9Page - Texas Instruments LP2951 Datasheet HTML 10Page - Texas Instruments LP2951 Datasheet HTML 11Page - Texas Instruments LP2951 Datasheet HTML 12Page - Texas Instruments LP2951 Datasheet HTML 13Page - Texas Instruments LP2951 Datasheet HTML 14Page - Texas Instruments LP2951 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
5.7 Typical Characteristics (continued)
at VIN = VOUT (nominal) + 1V, IL = 100μA, CL = 1µF (for new chip) and CL = 2.2µF (for legacy chip) (unless otherwise noted)
VOUT = 5V, IL = 100mA
Figure 5-7. Input Current vs Input Voltage (Legacy Chip)
0
5
10
15
20
25
30
V
IN- Input Voltage - V
0
10
20
30
40
50
60
70
80
90
100
110
120
-55°C
-40°C
0°C
25°C
85°C
125°C
150°C
VOUT = 5V, IL = 100mA
Figure 5-8. Input Current vs Input Voltage (New Chip)
Te mperature (
C)
-40 -25 -10
5
20
35
50
65
80
95 110 125
4.9
4.925
4.95
4.975
5
5.025
5.05
5.075
5.1
IL = 100A
IL = 100mA
Figure 5-9. Output Voltage vs Temperature (Legacy Chip)
-60
-30
0
30
60
90
120
150
T
A- Temperature - °C
4.9
4.925
4.95
4.975
5
5.025
5.05
5.075
5.1
IL = 100μA
IL = 100mA
VIN = 6V, VOUT = 5V
Figure 5-10. Output Voltage vs Temperature (New Chip)
Input Voltage (V)
0
1
2
3
4
5
6
7
8
0
10
20
30
40
50
60
70
80
90
100
110
120
IL = 0
VOUT = 5V, IL = 0mA
Figure 5-11. Quiescent Current vs Input Voltage (Legacy Chip)
0
5
10
15
20
25
30
V
I N- Input Voltage - V
0
10
20
30
40
50
60
70
80
90
100
110
120
-55°C
-40°C
0°C
25°C
85°C
125°C
150°C
VOUT = 5V, IL = 0mA
Figure 5-12. Quiescent Current vs Input Voltage (New Chip)
www.ti.com
LP2951-Q1
SLVSAW6H – JUNE 2011 – REVISED NOVEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: LP2951-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com