Electronic Components Datasheet Search
  English  ▼

X  

LP2951 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LP2951
Description  LP2951-Q1 Automotive, Adjustable Micropower Voltage Regulator With Shutdown
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2951 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LP2951 Datasheet HTML 4Page - Texas Instruments LP2951 Datasheet HTML 5Page - Texas Instruments LP2951 Datasheet HTML 6Page - Texas Instruments LP2951 Datasheet HTML 7Page - Texas Instruments LP2951 Datasheet HTML 8Page - Texas Instruments LP2951 Datasheet HTML 9Page - Texas Instruments LP2951 Datasheet HTML 10Page - Texas Instruments LP2951 Datasheet HTML 11Page - Texas Instruments LP2951 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 47 page
background image
5.5 Electrical Characteristics (Both Legacy and New Chip) (continued)
VIN = VOUT (nominal) + 1V, IL = 100µA, CL = 1µF (for new chip) and CL = 2.2µF (for legacy chip),
FEEDBACK tied to VTAP, OUTPUT tied to SENSE, VSHUTDOWN ≤ 0.7V
PARAMETER
TEST CONDITIONS
TJ
MIN
TYP
MAX UNIT
Output low voltage
VIN ≥ 2V
IOL = 400µA
Legacy chip
25°C
150
250
mV
–40°C to
125°C
400
New chip
25°C
180
250
–40°C to
125°C
350
Upper threshold voltage (ERROR
output high)(4)
Legacy chip
25°C
40
60
mV
–40°C to
125°C
25
New chip
25°C
40
60
–40°C to
125°C
25
Lower threshold voltage (ERROR
output low)(4)
Legacy chip
25°C
75
95
mV
–40°C to
125°C
140
New chip
25°C
75
95
–40°C to
125°C
140
Hysteresis(4)
Legacy chip
25°C
15
mV
New chip
15
SHUTDOWN INPUT
Input logic voltage
Low (regulator ON)
Legacy chip
–40°C to
125°C
0.7
V
New chip
0.7
High (regulator OFF)
Legacy chip
–40°C to
125°C
2
New chip
2
SHUTDOWN input current
SHUTDOWN = 2.4V
Legacy chip
25°C
30
50
µA
–40°C to
125°C
100
New chip
25°C
0.2
0.5
–40°C to
125°C
1
SHUTDOWN = 30V
Legacy chip
25°C
450
600
–40°C to
125°C
750
New chip
25°C
0.3
0.5
–40°C to
125°C
1
Regulator output current
in shutdown
VSHUTDOWN ≥ 2V,
VIN ≥ 30V, VOUT = 0,
FEEDBACK tied to VTAP
Legacy chip
25°C
3
10
µA
–40°C to
125°C
20
New chip
25°C
4
6
–40°C to
125°C
7.5
(1)
Output or reference voltage temperature coefficient is defined as the worst-case voltage change divided by the total temperature
range.
(2)
Regulation is measured at constant junction temperature, using pulse testing with a low duty cycle. Changes in output voltage due to
heating effects are covered under the specification for thermal regulation.
LP2951-Q1
SLVSAW6H – JUNE 2011 – REVISED NOVEMBER 2024
www.ti.com
8
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LP2951-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com