Electronic Components Datasheet Search
  English  ▼

X  

LP2951 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # LP2951
Description  LP2951-Q1 Automotive, Adjustable Micropower Voltage Regulator With Shutdown
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2951 Datasheet(HTML) 30 Page - Texas Instruments

Back Button LP2951 Datasheet HTML 26Page - Texas Instruments LP2951 Datasheet HTML 27Page - Texas Instruments LP2951 Datasheet HTML 28Page - Texas Instruments LP2951 Datasheet HTML 29Page - Texas Instruments LP2951 Datasheet HTML 30Page - Texas Instruments LP2951 Datasheet HTML 31Page - Texas Instruments LP2951 Datasheet HTML 32Page - Texas Instruments LP2951 Datasheet HTML 33Page - Texas Instruments LP2951 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 47 page
background image
7.3 Power Supply Recommendations
Limit maximum input voltage to 30 V for proper operation. Place input and output capacitors as close to the
device as possible to take advantage of the high-frequency, noise-filtering properties.
7.4 Layout
7.4.1 Layout Guidelines
Make sure that traces on the input and outputs of the device are wide enough to handle the desired currents. For
this device, the output trace must be larger to accommodate the larger available current.
Place input and output capacitors as close to the device as possible to take advantage of the high-frequency,
noise-filtering properties.
7.4.2 Layout Example
LP2951-50
1
2
3
4
8
7
6
5
ERROR can be left floating
if not used
1 F
μ
1 F
μ
Figure 7-14. Layout Example (D Package)
LP2951-Q1
SLVSAW6H – JUNE 2011 – REVISED NOVEMBER 2024
www.ti.com
30
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LP2951-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com