Electronic Components Datasheet Search
  English  ▼

X  

MIC4600 Datasheet(PDF) 23 Page - Microchip Technology

Part # MIC4600
Description  28V Half-Bridge MOSFET Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4600 Datasheet(HTML) 23 Page - Microchip Technology

Back Button MIC4600 Datasheet HTML 18Page - Microchip Technology MIC4600 Datasheet HTML 19Page - Microchip Technology MIC4600 Datasheet HTML 20Page - Microchip Technology MIC4600 Datasheet HTML 21Page - Microchip Technology MIC4600 Datasheet HTML 22Page - Microchip Technology MIC4600 Datasheet HTML 23Page - Microchip Technology MIC4600 Datasheet HTML 24Page - Microchip Technology MIC4600 Datasheet HTML 25Page - Microchip Technology MIC4600 Datasheet HTML 26Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
 2016-2020 Microchip Technology Inc.
DS20005584B-page 23
MIC4600
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, contact your local Microchip representative or sales office
.
Examples:
a)
MIC4600YML-T5:
28V Half-Bridge MOSFET Driver,
Two independent TTL inputs,
–40°C to +125°C Temp. Range,
RoHS Compliant,
16LD 3x3 VQFN, 500/Reel
b)
MIC4600YML-TR:
28V Half-Bridge MOSFET Driver,
Two independent TTL inputs,
–40°C to +125°C Temp. Range,
RoHS Compliant,
16LD 3x3 VQFN, 5000/Reel
PART NO.
X
XX
Package
Temperature
Device
Device:
MIC4600:
28V Half-Bridge MOSFET Driver
Temperature
Range:
Y=
–40
C to +125C (RoHS Compliant)
Package:
NCA
=
16-Lead 3x3 VQFN
Media Type:
T5
=
500/Reel
TR
=
5000/Reel
Range
XX
Media
Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com