Electronic Components Datasheet Search
  English  ▼

X  

MIC4600 Datasheet(PDF) 15 Page - Microchip Technology

Part # MIC4600
Description  28V Half-Bridge MOSFET Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4600 Datasheet(HTML) 15 Page - Microchip Technology

Back Button MIC4600 Datasheet HTML 11Page - Microchip Technology MIC4600 Datasheet HTML 12Page - Microchip Technology MIC4600 Datasheet HTML 13Page - Microchip Technology MIC4600 Datasheet HTML 14Page - Microchip Technology MIC4600 Datasheet HTML 15Page - Microchip Technology MIC4600 Datasheet HTML 16Page - Microchip Technology MIC4600 Datasheet HTML 17Page - Microchip Technology MIC4600 Datasheet HTML 18Page - Microchip Technology MIC4600 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
 2016-2020 Microchip Technology Inc.
DS20005584B-page 15
MIC4600
capacitors CVDD and CB. Current in the low-side gate
driver flows from CVDD through the internal driver, into
the MOSFET gate, and out the source. The return
connection back to the decoupling capacitor is made
through the ground plane. Any inductance or
resistance in the ground return path causes a voltage
spike or ringing to appear on the source of the
MOSFET. This voltage works against the gate drive
voltage and can either slow down or turn off the
MOSFET during the period when it should be turned
on.
Current in the high-side driver is sourced from
capacitor CB and flows into the BST pin and out the DH
pin, into the gate of the high side MOSFET. The return
path for the current is from the source of the MOSFET
and back to capacitor CB. The high-side circuit return
path usually does not have a low-impedance ground
plane so the etch connections in this critical path
should be short and wide to minimize parasitic
inductance. As with the low-side circuit, impedance
between the MOSFET source and the decoupling
capacitor causes negative voltage feedback that fights
the turn-on of the MOSFET.
It is important to note that capacitor CB must be placed
close to the BST and SW pins. This capacitor not only
provides all the energy for turn-on but it must also keep
HB pin noise and ripple low for proper operation of the
high-side drive circuitry.
FIGURE 5-3:
Turn-On Current Path.
Figure 5-4 shows the critical current paths when the
driver outputs go low and turn off the external
MOSFETs. Short, low-impedance connections are
important during turn-off for the same reasons given in
the turn-on explanation. Current flowing through the
internal diode replenishes charge in the bootstrap
capacitor, CBST.
FIGURE 5-4:
Turn-Off Current Paths.
Use a ground plane to minimize parasitic inductance
and impedance of the return paths. The MIC4600 is
capable of greater than 1A peak currents and any
impedance between the MIC4600, the decoupling
capacitors, and the external MOSFET will degrade the
performance of the driver.
SW
BST
DH
VDD
CB
DL
LEVEL
SHIFT
HSI
LSI
PGND
CVDD
GND
PLANE
GND
PLANE
LOW-SIDE DRIVE TURN-ON
CURRENT PATH
HIGH-SIDE DRIVE TURN
-
ON CURRENT PATH
MIC4600
SW
BST
DH
VDD
CB
Level
shift
HSI
LSI
PGND
DL
CVDD
LOW-SIDE DRIVE
TURN-OFF CURRENT PATH
HIGH-SIDE DRIVE
TURN-OFF CURRENT PATH
MIC4600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com