Electronic Components Datasheet Search
  English  ▼

X  

MIC4600 Datasheet(PDF) 12 Page - Microchip Technology

Part # MIC4600
Description  28V Half-Bridge MOSFET Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4600 Datasheet(HTML) 12 Page - Microchip Technology

Back Button MIC4600 Datasheet HTML 8Page - Microchip Technology MIC4600 Datasheet HTML 9Page - Microchip Technology MIC4600 Datasheet HTML 10Page - Microchip Technology MIC4600 Datasheet HTML 11Page - Microchip Technology MIC4600 Datasheet HTML 12Page - Microchip Technology MIC4600 Datasheet HTML 13Page - Microchip Technology MIC4600 Datasheet HTML 14Page - Microchip Technology MIC4600 Datasheet HTML 15Page - Microchip Technology MIC4600 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
MIC4600
DS20005584B-page 12
 2016-2020 Microchip Technology Inc.
5.0
APPLICATION INFORMATION
5.1
Adjustable Dead Time
Dead-time control prevents shoot-through current from
flowing through the external power MOSFETs during
switching transitions. The delay allows enough time for
the high-side driver to turn off before the low-side driver
turns on. It also prevents the high-side driver from
turning on before the low-side driver has turned off.
The dead time between the high- and low-side
MOSFETs can be adjusted with a resistor on the
DELAY pin. The dead time can be approximated with
the formula below. See the Typical Performance
Curves for a more precise determination of RDELAY vs.
tDEAD.
EQUATION 5-1:
5.2
Other Timing Considerations
Make sure the input signal pulse width is greater than
the minimum specified pulse width. An input signal that
is less than the minimum pulse width may result in no
output pulse or an output pulse whose width is
significantly less than the input.
The maximum duty cycle (ratio of high-side on-time to
switching period) is controlled by the minimum pulse
width of the low-side and by the time required for the CB
capacitor to charge during the off-time. Adequate time
must be allowed for the CB capacitor to charge up
before the high-side driver is turned on.
5.3
Single Input Operation
Both outputs can be controlled from a single input
signal by pulling the LSI input high to VDD and applying
the input signal to the HSI pin. In this configuration, the
dead-time between the DH and DL transitions is set by
the resistor value connected to the DELAY pin.
When the HSI pin goes from a low to a high, the DL pin
goes low and the DH pin goes high after the dead time
delay. When the HSI pin changes from a high to a low,
the DH pin goes low. After the delay time, the DL pin
goes high.
5.4
Bootstrap Diode and Capacitor
The gate drive voltage of the high-side driver equals
the VDD voltage minus the voltage drop across the
bootstrap diode. A Schottky diode is recommended
due to the lower forward voltage drop.
Power dissipation in the bootstrap diode can be
calculated using the following equations. The average
current drawn by repeated charging of the high-side
MOSFET is calculated by:
EQUATION 5-2:
The average power dissipated by the forward voltage
drop of the diode equals:
EQUATION 5-3:
The value of VF should be taken at the peak current
through the diode; however, this current is difficult to
calculate
because
of
differences
in
source
impedances. The peak current can either be measured
or the value of VF at the average current can be used,
which will yield a good approximation of diode power
dissipation.
The voltage on the bootstrap capacitor drops each time
it delivers charge to turn on the MOSFET. The voltage
drop depends on the gate charge required by the
MOSFET. Most MOSFET specifications specify gate
charge versus VGS voltage. Based on this information
and a suggested capacitor voltage drop of less than
0.1V, the minimum value of bootstrap capacitance is:
EQUATION 5-4:
tDEAD
12 10
9
–
RDELAY
+0.9
10
10
–
=
Where:
tDEAD = The break-before-make delay between the
high-side and low-side gate drive signals.
RDELAY = The DELAY pin resistance in kΩ.
IF AVE

QGATE fS
=
Where:
QGATE = Total gate charge at VDD.
fS = Gate drive switching frequency.
PdiodeFWD
IF AVE

VF
=
Where:
VF = Diode forward voltage drop.
CB
QGATE
VBST
-----------------
Where:
QGATE = Total gate charge at VDD.
ΔVBST = Voltage drop at the BST pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com