Electronic Components Datasheet Search
  English  ▼

X  

MIC4600 Datasheet(PDF) 11 Page - Microchip Technology

Part # MIC4600
Description  28V Half-Bridge MOSFET Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4600 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MIC4600 Datasheet HTML 7Page - Microchip Technology MIC4600 Datasheet HTML 8Page - Microchip Technology MIC4600 Datasheet HTML 9Page - Microchip Technology MIC4600 Datasheet HTML 10Page - Microchip Technology MIC4600 Datasheet HTML 11Page - Microchip Technology MIC4600 Datasheet HTML 12Page - Microchip Technology MIC4600 Datasheet HTML 13Page - Microchip Technology MIC4600 Datasheet HTML 14Page - Microchip Technology MIC4600 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
 2016-2020 Microchip Technology Inc.
DS20005584B-page 11
MIC4600
FIGURE 4-1:
Low-Side Driver Circuit.
4.6
High-Side Driver and Bootstrap
Circuit
A block diagram of the high-side driver and bootstrap
circuit is shown in Figure 4-2. This driver is designed to
drive a floating N-channel MOSFET, whose source
terminal is referenced to the SW pin. The output
voltage of the DH pin equals VDD minus the external
bootstrap diode forward voltage drop. The high-side
gate drive voltage is typically 4.5V.
A low-power, high-speed, level-shifting circuit isolates
the low side (AGND pin) referenced circuitry from the
high-side (SW pin) referenced driver. Power to the
high-side driver is supplied by the bootstrap circuit.
FIGURE 4-2:
High-Side Driver and
Bootstrap Circuit.
The bootstrap circuit consists of an external diode and
external capacitor, CB. In a typical application, such as
the synchronous buck converter shown in Figure 4-3,
the SW pin is at ground potential while the low-side
MOSFET is on. During this time, the diode allows
capacitor CB to charge up to VDD – VF (where VF is the
forward voltage drop of the diode). After the low-side
MOSFET is turned off and the DH pin goes high, the
voltage across capacitor CB is applied to the gate of the
upper external MOSFET. As the upper MOSFET turns
on, voltage on the SW pin rises with the source of the
high-side MOSFET until it reaches VIN. As the SW and
BST pins rise, the diode is reverse biased preventing
capacitor CB from discharging.
FIGURE 4-3:
MIC4600 Driving a
Synchronous Buck Converter.
4.7
Overtemperature Indicator
If the die exceeds the high temperature threshold (Fault
Overtemperature), the FAULT pin is asserted low, while
the outputs remain unchanged and still follow the
inputs. The low level on the Fault pin simply indicates
the need for thermal management, potentially requiring
the inputs to be pulled low, and the FAULT pin is
deasserted, when the die temperature cools below the
lower threshold, set by the circuit’s hysteresis. If
resumed operation results in reheating of the die above
the high threshold, another shutdown cycle occurs.
As long as ENABLE is high and VIN is greater than
+5.5V, the internal LDO remains on even when the
FAULT pin is asserted low.
4.8
Fault Pin
The FAULT signal is an N-channel open-drain output,
which is asserted low when the MIC4600 enters an
overtemperature condition.
PGND
VDD
DL
EXTERNAL
FET
SW
BST
DH
EXTERNAL
FET
VDD
C
B
V
IN
LEVEL
SHIFT
SW
BST
DH
VDD
CB
DL
LEVEL
SHIFT
HSI
LSI
PGND
VIN
V
OUT
C
OUT
L
OUT
CVDD
Q1
Q2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com