Electronic Components Datasheet Search
  English  ▼

X  

MIC4600 Datasheet(PDF) 4 Page - Microchip Technology

Part # MIC4600
Description  28V Half-Bridge MOSFET Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4600 Datasheet(HTML) 4 Page - Microchip Technology

  MIC4600 Datasheet HTML 1Page - Microchip Technology MIC4600 Datasheet HTML 2Page - Microchip Technology MIC4600 Datasheet HTML 3Page - Microchip Technology MIC4600 Datasheet HTML 4Page - Microchip Technology MIC4600 Datasheet HTML 5Page - Microchip Technology MIC4600 Datasheet HTML 6Page - Microchip Technology MIC4600 Datasheet HTML 7Page - Microchip Technology MIC4600 Datasheet HTML 8Page - Microchip Technology MIC4600 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
MIC4600
DS20005584B-page 4
 2016-2020 Microchip Technology Inc.
EN Input Bias Current
—
—
2
µA
VEN = 12V
Fault
Fault Overtemperature
—
150
—
°C
TJ rising
Overtemperature Hysteresis
—
23
—
°C
—
FAULT Logic Level Low
—
0.125
0.2
VIFAULT = 5 mA
FAULT Pin Leakage Current
—
0.01
0.1
µA
VFAULT = 5.5V
Input Control
HSI Logic Level High
1.4
——
V
—
HSI Logic Level Low
—
—
0.65
V—
HSI Bias Current
—
0.01
0.1
µA
VHSI = 5V
LSI Logic Level High
1.4
——
V
—
LSI Logic Level Low
—
—
0.65
V—
LSI Bias Current
—
0.01
0.1
µA
VLSI = 5V
Timing
Dead Time
—
18.7
—
ns
RDELAY = 105 kΩ
Switching Frequency Range
—
—
1.5
MHz
—
Minimum Allowable Pulse
Width
—32
—
ns
—
Rise Time (DH, DL)
tr
—15
—
ns
CLOAD = 3 nF, 10%VDD to 90%VDD
Fall Time (DH,DL)
tf
—13.5
—
ns
CLOAD = 3 nF, 10%VDD to 90%VDD
Propagation Delay,
Rising HSI to DH
—
26
—
ns
GND to 10%xVDD
Propagation Delay,
Rising LSI to DL
—
18
—
ns
GND to 10%xVDD
Propagation Delay,
Falling HSI to DH
—55
—
ns
VDD to 90%xVDD
Propagation Delay,
Falling LSI to DL
—14
—
ns
VDD to 90%xVDD
MOSFET Drivers
DH RDS(ON), High
—
2
3
Ω
IDH = 20 mA
DH RDS(ON), Low
—
1.5
3
Ω
IDH = –20 mA
DL RDS(ON), High
—
2
3
Ω
IDL = 20 mA
DL RDS(ON), Low
—
1
2
Ω
IDL = –20 mA
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Characteristics: VIN = VEN = 12V, VBST – VSW = 5V; TA = +25°C, CVIN = CVDD = 1 μF unless noted. Bold
values indicate –40°C ≤ TJ ≤ +125°C. Specification for packaged product only.
Parameter
Sym.
Min.
Typ.
Max.
Units
Conditions
Note 1: Specified for packaged product only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com