Electronic Components Datasheet Search
  English  ▼

X  

MIC4600 Datasheet(PDF) 14 Page - Microchip Technology

Part # MIC4600
Description  28V Half-Bridge MOSFET Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4600 Datasheet(HTML) 14 Page - Microchip Technology

Back Button MIC4600 Datasheet HTML 10Page - Microchip Technology MIC4600 Datasheet HTML 11Page - Microchip Technology MIC4600 Datasheet HTML 12Page - Microchip Technology MIC4600 Datasheet HTML 13Page - Microchip Technology MIC4600 Datasheet HTML 14Page - Microchip Technology MIC4600 Datasheet HTML 15Page - Microchip Technology MIC4600 Datasheet HTML 16Page - Microchip Technology MIC4600 Datasheet HTML 17Page - Microchip Technology MIC4600 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
MIC4600
DS20005584B-page 14
 2016-2020 Microchip Technology Inc.
The same energy is dissipated by ROFF, RG, and
RG_FET when the driver IC turns the MOSFET off.
Assuming RON is approximately equal to ROFF, the total
energy and power dissipated by the resistive drive
elements is illustrated in Equation 5-7:
EQUATION 5-7:
The power dissipated inside the driver is equal to the
ratio of RON and ROFF to the external resistive losses in
RG and RG_FET. Letting RON = ROFF, the power
dissipated in the MIC4600 due to driving the external
MOSFET is illustrated in Equation 5-8:
EQUATION 5-8:
5.8
Total Power Dissipation and
Thermal Considerations
Total power dissipation in the MIC4600 is equal to the
power dissipation caused by driving the external
MOSFETs and the quiescent current.
EQUATION 5-9:
The die temperature can be calculated after the total
power dissipation is known, as in Equation 5-10:
EQUATION 5-10:
5.9
Decoupling and Bootstrap
Capacitor Selection
Decoupling capacitors are required for both the
low-side (VDD) and high-side (BST) supply pins. These
capacitors supply the charge necessary to drive the
external MOSFETs and also minimize the voltage
ripple on these pins. The capacitor from BST to SW has
two functions: it provides decoupling for the high-side
driver and is the supply voltage to the high-side circuit
while the external MOSFET is on. Ceramic capacitors
are recommended because of their low impedance and
small size. Z5U type ceramic capacitor dielectrics are
not recommended because of the large change in
capacitance overtemperature and voltage. A minimum
value of 0.1 µF is required for each of the capacitors,
regardless of the MOSFETs being driven. Larger
MOSFETs may require larger capacitance values for
proper operation.
Placement of the decoupling capacitors is critical. The
bypass capacitor for VDD should be placed as close as
possible between the VDD and PGND pins. The
bypass capacitor (CB) for the BST supply pin must be
located as close as possible between the BST and SW
pins. The etch connections must be short, wide, and
direct. The use of a ground plane to minimize
connection impedance is recommended (refer to the
following section for more information).
5.10
Grounding, Component
Placement, and Circuit Layout
Nanosecond switching speeds and ampere peak
currents in and around the MIC4600 drivers require
proper placement and trace routing of all components.
Improper placement may cause degraded noise
immunity, false switching, excessive ringing, or circuit
latch-up.
Figure 5-3 shows the critical current paths when the
driver outputs go high and turn on the external
MOSFETs. It also helps demonstrate the need for a low
impedance ground plane. Charge needed to turn-on
the MOSFET gates comes from the decoupling
EDRIVER
QG VGS
=
and
PDRIVER
QG VGS
fS
=
Where:
EDRIVER = Energy dissipated per switching cycle.
PDRIVER = Power dissipated per switching cycle.
QG = Total gate charge at VGS.
VGS = Gate to source voltage on the MOSFET.
fS = Switching frequency of the gate drive circuit.
PDISSDRIVER
PDRIVER
RON
RON RG RG_FET
++
-------------------------------------------------
=
PDISSTOTAL
PDISSIQ PDISSDRIVE
+
=
TJ
TA PDISSTOTAL
+
JA
=
Where:
TA = Maximum ambient temperature.
TJ = Junction temperature.
PDISSTOTAL = Power dissipation of the MIC4600.
θJA = Thermal resistance from junction to ambient air.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com