Electronic Components Datasheet Search
  English  ▼

X  

MIC4600 Datasheet(PDF) 6 Page - Microchip Technology

Part # MIC4600
Description  28V Half-Bridge MOSFET Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4600 Datasheet(HTML) 6 Page - Microchip Technology

Back Button MIC4600 Datasheet HTML 2Page - Microchip Technology MIC4600 Datasheet HTML 3Page - Microchip Technology MIC4600 Datasheet HTML 4Page - Microchip Technology MIC4600 Datasheet HTML 5Page - Microchip Technology MIC4600 Datasheet HTML 6Page - Microchip Technology MIC4600 Datasheet HTML 7Page - Microchip Technology MIC4600 Datasheet HTML 8Page - Microchip Technology MIC4600 Datasheet HTML 9Page - Microchip Technology MIC4600 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
MIC4600
DS20005584B-page 6
 2016-2020 Microchip Technology Inc.
2.0
TYPICAL PERFORMANCE CURVES
Unless otherwise indicated, VIN = 12V.
FIGURE 2-1:
VIN Quiescent Current vs.
Input Voltage.
FIGURE 2-2:
VIN Quiescent Current vs.
Temperature.
FIGURE 2-3:
VIN Shutdown Current vs.
Input Voltage.
FIGURE 2-4:
VIN Shutdown Current vs.
Temperature.
FIGURE 2-5:
VIN Operating Current vs.
Frequency.
FIGURE 2-6:
RDS(ON) vs. Temperature.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
200
250
300
350
400
450
500
550
600
4
8
12
16
20
24
28
INPUT VOLTAGE (V)
-40°C
25°C
125°C
HSI = VDD
LSI = 0V
SW = 0V
350
370
390
410
430
450
470
490
510
530
550
-50
-25
0
25
50
75
100
125
TEMPERATURE (
°C)
VIN = 28V
VIN = 12V
VIN = 4.5V
HSI = VDD
LSI = 0V
SW = 0V
0
10
20
30
40
50
4
8
12
16
20
24
28
INPUT VOLTAGE (V)
-40ºC
25ºC
125ºC
EN = 0V
SW = 0V
0
10
20
30
40
50
-50
-25
0
25
50
75
100
125
TEMPERATURE (
°C)
EN = 0V
VIN = 4.5V
VIN = 12V
VIN = 28V
0
0.5
1
1.5
2
0
200
400
600
800 1000 1200 1400
FREQUENCY (kHz)
-40ºC
25ºC
125ºC
VIN = 12V
SW = 0V
CLOAD=0nF
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2
2.1
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
VIN = 4.5V
SW = 0V
HSI = LSI = 0V
IDL = 50mA
VIN = 12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com