Electronic Components Datasheet Search
  English  ▼

X  

MIC4600 Datasheet(PDF) 8 Page - Microchip Technology

Part # MIC4600
Description  28V Half-Bridge MOSFET Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4600 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MIC4600 Datasheet HTML 4Page - Microchip Technology MIC4600 Datasheet HTML 5Page - Microchip Technology MIC4600 Datasheet HTML 6Page - Microchip Technology MIC4600 Datasheet HTML 7Page - Microchip Technology MIC4600 Datasheet HTML 8Page - Microchip Technology MIC4600 Datasheet HTML 9Page - Microchip Technology MIC4600 Datasheet HTML 10Page - Microchip Technology MIC4600 Datasheet HTML 11Page - Microchip Technology MIC4600 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
MIC4600
DS20005584B-page 8
 2016-2020 Microchip Technology Inc.
FIGURE 2-13:
DH Fall Time vs. Input
Voltage.
FIGURE 2-14:
Deadtime vs. RDELAY for
DL↓ to DH↑.
FIGURE 2-15:
Deadtime vs. RDELAY for
DH↓ to DL↑.
FIGURE 2-16:
Deadtime Delay vs.
Temperature.
8
10
12
14
16
4
8
12
16
20
24
28
VIN (V)
25°C
-40°C
125°C
SW = 0V
0
20
40
60
80
100
120
140
0
200
400
600
800 1,000 1,200 1,400
R
DELAY (k
4.5Vin
12Vin
0
20
40
60
80
100
120
140
160
0
200
400
600
800 1,000 1,200 1,400
R
DELAY (k
4.5Vin
12Vin
80
85
90
95
100
105
110
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
DL to DH
DH to DL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com