Electronic Components Datasheet Search
  English  ▼

X  

YSS950 Datasheet(PDF) 5 Page - YAMAHA CORPORATION

Part # YSS950
Description  DAP1 Digital Audio Processor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YSS950 Datasheet(HTML) 5 Page - YAMAHA CORPORATION

  YSS950 Datasheet HTML 1Page - YAMAHA CORPORATION YSS950 Datasheet HTML 2Page - YAMAHA CORPORATION YSS950 Datasheet HTML 3Page - YAMAHA CORPORATION YSS950 Datasheet HTML 4Page - YAMAHA CORPORATION YSS950 Datasheet HTML 5Page - YAMAHA CORPORATION YSS950 Datasheet HTML 6Page - YAMAHA CORPORATION YSS950 Datasheet HTML 7Page - YAMAHA CORPORATION YSS950 Datasheet HTML 8Page - YAMAHA CORPORATION YSS950 Datasheet HTML 9Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
YSS950
5
■ Comparison of Yamaha audio DSP
Chip Name
DAP1
ADAMB
EVE
Function
YSS950
YSS944
YSS943
YSS940
YSS920B
Dolby digital decoding
N
Y
N
Dolby Digital EX decoding
N
Y
N
AAC decoding
N
Y
N
PCM input playback
Y (up to 16 channels)
Y (up to 8 channels)
Y (up to 16 channels)
Dolby Pro Logic II decoding
Y
Y
N
Dolby Pro Logic IIx decoding
Y
Y
N
DTS decoding
N
Y
Y
N
N
DTS 96/24 decoding
N
Y
Y
N
N
DTS-ES decoding
N
Y
N
N
N
DTS Neo:6 decoding
N
Y
N
N
N
Tone control
Y
Y
Y
Bass management
Y
Y
Y
Volume adjustment
Y
Y
Y
Noise generation
Y
Y
Y
Impulse generation
Y
Y
Y
Dynamic range controller
Y
Y
Y
Harmonics regenerator
Y
N
N
Nch surround
Y (Mixer)
Y
Y(Channel Distributor)
Sound field
Y
Y
Y
Virtual surround
Y
Y
Y
Headphone surround
Y
Y
N
Parametric equalizer
Y (8ch x 8Band x X)
Y (8ch x 5Band)
Y (5ch x 3Band)
Graphic equalizer
Y (PEQ implementation)
Y (PEQ implementation)
Y(2ch x 10band)
Channel divider
Y
Y
Y
Automatic acoustic calibration
Y
Y
N
Down mixing
Y (Mixer)
Y
Y
Mixer
Y
N
Y
Down sampling
Y (16 channels)
Y (2 channels)
N
Modification of firmware placement
Y
N
N
Multiple firmware calls
Y
N
N
User programmability
Y (design with module)
N
Y(design with assembler)
Precision of calculations
Internal data bus:32-bit floating point (24-bit mantissa, 8-bit exponent),
Coefficient : 32-bit floating point
Internal data bus:32-bit floating point
(28-bit mantissa, 4-bit exponent),
Coefficient : 16-bit fixed point
Microcontroller interface
Four-wire serial interface
Firmware download
Y
Y
Y
Digital audio interface
24
bits
(fixed)
or
32
bits
(floating) × 16 channels,
TDM (4 channels or 8 channels)
is enabled
24 bits (fixed) ×8 channels
24 bits (fixed) or 32 bits (floating) ×
16 channels
Audio data channel switching control
Y (input and output)
Y (output)
N
Bypass
Y
Y
Y (realize by firmware)
User mute
Y (input and output)
Y (output)
Y (output)
External memory interface
N
SRAM (4Mbit)
DRAM or SRAM (4Mbit)
Input delay (lip sync)
Y
Y
Y
Output delay
Y
Y
Y
Stream detection
N
Y
N
Auto mute
Y
Y
N
Status port
Auto mute, interrupt
Zero detection, auto mute, interrupt
Zero detection, etc
General-purpose I/O ports
4
8
20
Internal operation clock generator
Y
Y
Y
Power-up/power-down
Y
Y
N
Operation frequency
165.888 MHz
178.176MHz
50MHz
Power supply voltage
1.2V (core), 3.3V (pin)
2.5V (core), 3.3V (pin)
Power consumption (Typ.)
130 mW
211mW (Dolby Digital decoding)
165mW
Package
SQFP64
LQFP144
SQFP100
Lead-free
Y
Y
Y
[Caution]
“Dolby”, “Dolby Pro Logic II”, and “Dolby Pro Logic IIx” are trademarks of Dolby Laboratories.
“DTS”, “DTS-ES”, “DTS-96/24”, and “DTS Neo:6” are trademarks of Digital Theater Systems, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com