Electronic Components Datasheet Search
  English  ▼

X  

YSS950 Datasheet(PDF) 1 Page - YAMAHA CORPORATION

Part # YSS950
Description  DAP1 Digital Audio Processor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YSS950 Datasheet(HTML) 1 Page - YAMAHA CORPORATION

  YSS950 Datasheet HTML 1Page - YAMAHA CORPORATION YSS950 Datasheet HTML 2Page - YAMAHA CORPORATION YSS950 Datasheet HTML 3Page - YAMAHA CORPORATION YSS950 Datasheet HTML 4Page - YAMAHA CORPORATION YSS950 Datasheet HTML 5Page - YAMAHA CORPORATION YSS950 Datasheet HTML 6Page - YAMAHA CORPORATION YSS950 Datasheet HTML 7Page - YAMAHA CORPORATION YSS950 Datasheet HTML 8Page - YAMAHA CORPORATION YSS950 Datasheet HTML 9Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
YSS950
DAP1
Digital Audio Processor
YSS950 CATALOG
CATALOG No.: LSI-4SS950A22
2006.10
■ Outline
The YSS950 (DAP1) is a DSP (Digital Signal Processor) for sound field processing, which features a
high-speed/ high-precision 32-bit floating point DSP.
■ Features
32-bit floating point DSP achieves high-speed/high-precision operations
• Operation frequency: Approximately 166 MHz
• Data bus width: 32 bits (24-bit mantissa, 8-bit exponent)
• Multiplier/adder: 32 bits × 32 bits + 55 bits → 55 bits (47-bit mantissa, 8-bit exponent)
48 KB (12 Kword) preset command code firmware area
24 KB (6 Kword) download command code firmware area (maximum)
104 KB (26 Kword) data RAM area (maximum)
High-speed command code/coefficient data firmware download (burst transfer)
Download coefficients data firmware without any interruption of sound (runtime transfer)
Firmware’s placement order can be changed
Firmware’s number of execution channels can be changed (up to 16 channels)
Multiple firmware calls are enabled
Audio I/O
• 32 bits × 16 channels, TDM
• Fixed point decimal format and floating point decimal format (IEEE Standard 754, two’s complement)
• Sampling frequency range is 32 to 192 kHz
• Audio clock division/switch
• Input/output muting
• Input/output channel switching
External memory not required
General I/O ports (4)
On-chip PLL
Power supply voltage:
1.2 V (core), 3.3 V (pin)
Low power consumption: Approximately 130mW (typical value)
Si-gate CMOS process
Lead-free 64-pin SQFP package (YSS950-SZ)
■ Applications
Home theater systems
Car audio


Similar Part No. - YSS950

ManufacturerPart #DatasheetDescription
logo
YAMAHA CORPORATION
YSS952 YAMAHA-YSS952 Datasheet
1Mb / 116P
Two dedicated DSP (MDSP2, SDSP) and FM synthesizer in a single package.
2012.03
More results

Similar Description - YSS950

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5852DS NPC-SM5852DS Datasheet
106Kb / 14P
Digital Audio Processor LSI
logo
Toshiba Semiconductor
TC9337F TOSHIBA-TC9337F Datasheet
1Mb / 31P
AUDIO DIGITAL SIGNAL PROCESSOR
logo
Texas Instruments
TAS3001C TI-TAS3001C Datasheet
417Kb / 56P
DIGITAL AUDIO PROCESSOR
logo
List of Unclassifed Man...
ZR38650 ETC1-ZR38650 Datasheet
441Kb / 66P
PROGRAMMABLE DIGITAL AUDIO PROCESSOR
logo
Texas Instruments
TAS5000 TI-TAS5000_06 Datasheet
110Kb / 25P
Digital Audio Pwm Processor
logo
Zoran Corporation
ZR38601 ZORAN-ZR38601 Datasheet
77Kb / 2P
PROGRAMMABLE DIGITAL AUDIO PROCESSOR
logo
Cirrus Logic
CS1810XX CIRRUS-CS1810XX Datasheet
679Kb / 54P
Digital Audio Networking Processor
logo
Analog Devices
ADAU1442 AD-ADAU1442 Datasheet
1,008Kb / 92P
SigmaDSP Digital Audio Processor
REV. C
ADAU1462 AD-ADAU1462 Datasheet
9Mb / 202P
SigmaDSP Digital Audio Processor
3/2018-Rev. B to Rev. C
ADAU1472 AD-ADAU1472 Datasheet
587Kb / 34P
SigmaDSP Digital Audio Processor
11/2020-Revision 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com