Electronic Components Datasheet Search
  English  ▼

X  

YSS950 Datasheet(PDF) 8 Page - YAMAHA CORPORATION

Part # YSS950
Description  DAP1 Digital Audio Processor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YSS950 Datasheet(HTML) 8 Page - YAMAHA CORPORATION

Back Button YSS950 Datasheet HTML 4Page - YAMAHA CORPORATION YSS950 Datasheet HTML 5Page - YAMAHA CORPORATION YSS950 Datasheet HTML 6Page - YAMAHA CORPORATION YSS950 Datasheet HTML 7Page - YAMAHA CORPORATION YSS950 Datasheet HTML 8Page - YAMAHA CORPORATION YSS950 Datasheet HTML 9Page - YAMAHA CORPORATION YSS950 Datasheet HTML 10Page - YAMAHA CORPORATION YSS950 Datasheet HTML 11Page - YAMAHA CORPORATION YSS950 Datasheet HTML 12Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
YSS950
8
Type
Pin
No.
Pin Name
I/O
Note 1)
Function
26
39
55
VDD33
−
Digital power supply for pin block (Typ. 3.3 V)
9
24
25
40
41
56
57
VDD12
−
Digital power supply for Core block (Typ. 1.2 V)
62
64
PAVDD
−
Power supply for PLL analog block (Typ. 1.2 V)
Insert a 0.1 µF capacitor between the PAVDD and PAVSS pins.
3
PDVDD
−
Power supply for PLL digital block (Typ. 1.2 V)
Insert a 0.1 µF capacitor between the PDVDD and PDVSS pins.
4
16
17
32
33
48
49
61
VSS
−
Digital ground
1
63
PAVSS
−
PLL analog ground
Insert a 0.1 µF capacitor between the PAVDD and PAVSS pins.
Power supply
2
PDVSS
−
PLL digital ground
Insert a 0.1 µF capacitor between the PDVDD and PDVSS pins.
Note 1)
I/O symbols
• I:
Input
• Is:
Schmitt trigger input
• I+:
Built in pull-up circuit (*)
• O:
Output
• Ot:
3-state output
* Built in pull-up circuit cannot be used for Hi-level output of the LSI, because of this ability is only keep Hi-level for input pin
when it is open.
Note 2)
Example of circuit connected to crystal oscillator
XI
XO
12.288 MHz
* The above resistor and capacitor values vary depending on a crystal oscillator.
Be sure to meet the
specifications for the crystal oscillator to be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com