Electronic Components Datasheet Search
  English  ▼

X  

YSS950 Datasheet(PDF) 25 Page - YAMAHA CORPORATION

Part # YSS950
Description  DAP1 Digital Audio Processor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YSS950 Datasheet(HTML) 25 Page - YAMAHA CORPORATION

Back Button YSS950 Datasheet HTML 21Page - YAMAHA CORPORATION YSS950 Datasheet HTML 22Page - YAMAHA CORPORATION YSS950 Datasheet HTML 23Page - YAMAHA CORPORATION YSS950 Datasheet HTML 24Page - YAMAHA CORPORATION YSS950 Datasheet HTML 25Page - YAMAHA CORPORATION YSS950 Datasheet HTML 26Page - YAMAHA CORPORATION YSS950 Datasheet HTML 27Page - YAMAHA CORPORATION YSS950 Datasheet HTML 28Page - YAMAHA CORPORATION YSS950 Datasheet HTML 29Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
YSS950
25
(c) Serial data interface
1) SDIMCK
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
SDIMCK input frequency
f
SDIMCK
40
MHz
SDIMCK duty factor
d
SDIMCK
50
%
SDIMCK
dSDIMCK
fSDIMCK
dSDIMCK
2) SDOMCK
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
SDOMCK output frequency
fSDOMCK
40
MHz
SDOMCK duty factor
dSDOMCK
[Note 1]
50
%
SDOMCK rise time
tSDOMCKR
CL = 50 pF
10
ns
SDOMCK fall time
tSDOMCKF
CL = 50 pF
10
ns
[Note 1]
When SDOMCKS[2:0] = 0b00 has been set and “through” has been selected for SDIMCK, it is affected by the
SDIMCK duty factor.
SDOMCK
dSDOMCK
fSDOMCK
tSDOMCKR
dSDOMCK
tSDOMCKF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com