Electronic Components Datasheet Search
  English  ▼

X  

YSS950 Datasheet(PDF) 22 Page - YAMAHA CORPORATION

Part # YSS950
Description  DAP1 Digital Audio Processor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YSS950 Datasheet(HTML) 22 Page - YAMAHA CORPORATION

Back Button YSS950 Datasheet HTML 18Page - YAMAHA CORPORATION YSS950 Datasheet HTML 19Page - YAMAHA CORPORATION YSS950 Datasheet HTML 20Page - YAMAHA CORPORATION YSS950 Datasheet HTML 21Page - YAMAHA CORPORATION YSS950 Datasheet HTML 22Page - YAMAHA CORPORATION YSS950 Datasheet HTML 23Page - YAMAHA CORPORATION YSS950 Datasheet HTML 24Page - YAMAHA CORPORATION YSS950 Datasheet HTML 25Page - YAMAHA CORPORATION YSS950 Datasheet HTML 26Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
YSS950
22
(4) DC Characteristics
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
High level input voltage 1
VIH1
[Note 1]
2.0
5.25
V
Low level input voltage 1
VIL1
[Note 1]
0.8
V
High level input voltage 2
VIH2
[Note 2]
0.8VDD33
VDD33
V
Low level input voltage 2
VIL2
[Note 2]
0.2VDD33
V
High level output voltage
VOH
[Note 3]
2.4
V
Low level output voltage
VOL
[Note 4]
0.4
V
Input leakage current 1
II1
[Note 5]
±10
µA
Input leakage current 2
II2
[Note 6]
+10/-125
µA
Capacitance of input pin
CI
5
pF
[Note 1]
Applies to all input pins other than XI (5 V tolerant).
[Note 2]
Applies to XI pin.
[Note 3]
(Output level is not rated.) Applies to all input pins other than XO.
However, IOH =
−1.0 mA.
[Note 4]
(Output level is not rated.) Applies to all output pins other than XO.
However, IOL = 1.0 mA.
[Note 5]
Applies to all input pins other than GPIO.
[Note 6]
Applies to GPIO pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com