Electronic Components Datasheet Search
  English  ▼

X  

YSS950 Datasheet(PDF) 26 Page - YAMAHA CORPORATION

Part # YSS950
Description  DAP1 Digital Audio Processor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YSS950 Datasheet(HTML) 26 Page - YAMAHA CORPORATION

Back Button YSS950 Datasheet HTML 22Page - YAMAHA CORPORATION YSS950 Datasheet HTML 23Page - YAMAHA CORPORATION YSS950 Datasheet HTML 24Page - YAMAHA CORPORATION YSS950 Datasheet HTML 25Page - YAMAHA CORPORATION YSS950 Datasheet HTML 26Page - YAMAHA CORPORATION YSS950 Datasheet HTML 27Page - YAMAHA CORPORATION YSS950 Datasheet HTML 28Page - YAMAHA CORPORATION YSS950 Datasheet HTML 29Page - YAMAHA CORPORATION YSS950 Datasheet HTML 30Page - YAMAHA CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
YSS950
26
3) SDIBCK, SDIWCK, SDI7 to SDI0 (slave mode)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
SDIBCK input frequency
fSDIBCK
12.5
MHz
SDIBCK duty factor
dSDIBCK
[Note 1]
50
%
SDIWCK, SDI7 to SDI0 setup time
tSDIS
10
ns
SDIWCK, SDI7 to SDI0 hold time
tSDIH
15
ns
[Note 1]
The polarity of SDIBCK can be changed by SDIBCKP.
In the following figure, SDIBCKP = 0.
SDIBCK
dSDIBCK
fSDIBCK
SDIWCK
tSDIH
tSDIS
SDI7-0
tSDIS
tSDIH
dSDIBCK
4) SDOBCK, SDOWCK, SDO7 to SDO0 (slave mode)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
SDOBCK input frequency
fSDOBCK
12.5
MHz
SDOBCK duty factor
dSDOBCK
[Note 1]
50
%
SDOWCK setup time
tSDOWCKS
10
ns
SDOWCK hold time
tSDOWCKH
10
ns
SDO7 to SDO0 delay time
tSDOD
CL = 50pF
30
ns
[Note 1]
The polarity of SDOBCK can be changed by SDOBCKP.
In the following figure, SDOBCKP = 0.
SDOBCK
dSDOBCK
fSDOBCK
SDOWCK
tSDOWCKH
tSDOWCKS
SDO7 to SDO0
tSDOD
dSDOBCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com