Electronic Components Datasheet Search
  English  ▼

X  

YSS950 Datasheet(PDF) 10 Page - YAMAHA CORPORATION

Part # YSS950
Description  DAP1 Digital Audio Processor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YSS950 Datasheet(HTML) 10 Page - YAMAHA CORPORATION

Back Button YSS950 Datasheet HTML 6Page - YAMAHA CORPORATION YSS950 Datasheet HTML 7Page - YAMAHA CORPORATION YSS950 Datasheet HTML 8Page - YAMAHA CORPORATION YSS950 Datasheet HTML 9Page - YAMAHA CORPORATION YSS950 Datasheet HTML 10Page - YAMAHA CORPORATION YSS950 Datasheet HTML 11Page - YAMAHA CORPORATION YSS950 Datasheet HTML 12Page - YAMAHA CORPORATION YSS950 Datasheet HTML 13Page - YAMAHA CORPORATION YSS950 Datasheet HTML 14Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
YSS950
10
Address Byte Name Access
Default
Value
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0x30
:
0x38
FWCtl
R/W
0x00
This is used for firmware control. For details, see the firmware manual.
0x39
OMASum
R/W
0x00
OMASUM[7:0]
0x3A
:
0x79
FWCtl
R/W
0x00
This is used for firmware control. For details, see the firmware manual.
0x7A
Reserved
R
0x00
0
0
0
0
0
0
0
0
0x7B
Reserved
R
0x00
0
0
0
0
0
0
0
0
0x7C
Reserved
R
0x00
0
0
0
0
0
0
0
0
0x7D
Rserved
R
0x00
0
0
0
0
0
0
0
0
0x7E
DevID0
R
0x09
DEVID[15:8]
0x7F
DevID1
R
0x50
DEVID[7:0]
[Note]
Indicates area that is accessible during the normal operation mode, the software reset mode, and the power-down mode.
Indicates area that is accessible during the normal operation mode and the software reset mode.
0
Reserved area.
When writing, write only “0” to this area.
Undefined when read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com